Electronic Components Datasheet Search
  English  ▼

X  

DAC7631EB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7631EB
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7631EB Datasheet(HTML) 4 Page - Texas Instruments

  DAC7631EB Datasheet HTML 1Page - Texas Instruments DAC7631EB Datasheet HTML 2Page - Texas Instruments DAC7631EB Datasheet HTML 3Page - Texas Instruments DAC7631EB Datasheet HTML 4Page - Texas Instruments DAC7631EB Datasheet HTML 5Page - Texas Instruments DAC7631EB Datasheet HTML 6Page - Texas Instruments DAC7631EB Datasheet HTML 7Page - Texas Instruments DAC7631EB Datasheet HTML 8Page - Texas Instruments DAC7631EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
®
4
DAC7631
ABSOLUTE MAXIMUM RATINGS(1)
VDD to VSS ........................................................................... –0.3V to +11V
VDD to GND ........................................................................ –0.3V to +5.5V
VREFL to VSS ............................................................... –0.3V to (VDD – VSS)
VDD to VREFH .............................................................. –0.3V to (VDD – VSS)
VREFH to VREFL ............................................................ –0.3V to (VDD – VSS)
Digital Input Voltage to GND ...................................... –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ......................................... –40
°C to +85°C
Storage Temperature Range .......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
LINEARITY
DIFFERENTIAL
PACKAGE
SPECIFICATION
ERROR
LINEARITY
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER
RANGE
NUMBER(1)
MEDIA
DAC7631E
±4
±3
SSOP-20
334
–40
°C to +85°C
DAC7631E
Rails
""
"
"
"
"
DAC7631E/1K
Tape and Reel
DAC7631EB
±3
±2
SSOP-20
334
–40
°C to +85°C
DAC7631EB
Rails
""
"
"
"
"
DAC7631EB/1K
Tape and Reel
NOTE : (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “DAC7631E/1K” will get a single 1000-piece Tape and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com