Electronic Components Datasheet Search
  English  ▼

X  

DAC7631EB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7631EB
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7631EB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7631EB Datasheet HTML 6Page - Texas Instruments DAC7631EB Datasheet HTML 7Page - Texas Instruments DAC7631EB Datasheet HTML 8Page - Texas Instruments DAC7631EB Datasheet HTML 9Page - Texas Instruments DAC7631EB Datasheet HTML 10Page - Texas Instruments DAC7631EB Datasheet HTML 11Page - Texas Instruments DAC7631EB Datasheet HTML 12Page - Texas Instruments DAC7631EB Datasheet HTML 13Page - Texas Instruments DAC7631EB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
®
10
DAC7631
TYPICAL PERFORMANCE CURVES: VSS = –5V (Cont.)
At TA = +25°C, VDD = VCC = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, representative unit, unless otherwise specified.
–30 –20 –10 0
10 20
30
40 50
60 70
80
90
–40
Temperature (
°C)
NEGATIVE FULL-SCALE ERROR vs TEMPERATURE
(Code 0000
H)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
POWER SUPPLY CURRENT vs TEMPERATURE
Data = FFFF
H
No Load
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Temperature (
°C)
–40 –30 –20 –10 0
10
20
30 40
50
60 70 80
90
I
CC
I
SS
5
4
3
2
1
0
–1
–2
–3
–4
–5
R
LOAD (kΩ)
0.001
0.01
1
0.1
100
10
1000
V
OUT vs RLOAD
Source
Sink
POSITIVE SUPPLY CURRENT
vs DIGITAL INPUT CODE
Digital Input Code
I
CC
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(–2.5V to +2.5V)
+5V
LDAC
0
Large-Signal Settling Time: 1V/div
Small-Signal Settling Time: 2LSB/div
–30 –20 –10 0
10 20
30
40 50
60 70
80
90
–40
Temperature (
°C)
POSITIVE FULL-SCALE ERROR vs TEMPERATURE
(Code FFFF
H)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com