Electronic Components Datasheet Search
  English  ▼

X  

DAC7631EB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7631EB
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7631EB Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7631EB Datasheet HTML 8Page - Texas Instruments DAC7631EB Datasheet HTML 9Page - Texas Instruments DAC7631EB Datasheet HTML 10Page - Texas Instruments DAC7631EB Datasheet HTML 11Page - Texas Instruments DAC7631EB Datasheet HTML 12Page - Texas Instruments DAC7631EB Datasheet HTML 13Page - Texas Instruments DAC7631EB Datasheet HTML 14Page - Texas Instruments DAC7631EB Datasheet HTML 15Page - Texas Instruments DAC7631EB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
®
12
DAC7631
ANALOG OUTPUTS
When VSS = –5V (dual supply operation), the output ampli-
fier can swing to within 2.25V of the supply rails, guaran-
teed over the –40
°C to +85°C temperature range. When
VSS = 0V (single-supply operation), and with RLOAD also
connected to ground, the output can swing to ground. Care
must also be taken when measuring the zero-scale error
when VSS = 0V. Since the output voltage cannot swing
below ground, the output voltage may not change for the
first few digital input codes (0000H, 0001H, 0002H, etc.) if
the output amplifier has a negative offset. At the negative
limit of –2mV, the first specified output starts at code 0040H.
Due to the high accuracy of these D/A converters, system
design problems such as grounding and contact resistance
become very important. A 16-bit converter with a 2.5V full-
scale range has a 1LSB value of 38
µV. With a load current
of 1mA, series wiring and connector resistance of only
40m
Ω (R
W2) will cause a voltage drop of 40µV, as shown in
Figure 4. To understand what this means in terms of a
system layout, the resistivity of a typical 1 ounce copper-
clad printed circuit board is 1/2 m
Ω per square. For a 1mA
FIGURE 2. Basic Single-Supply Operation.
FIGURE 3. Basic Dual-Supply Operation.
load, a 10 milli-inch wide printed circuit conductor 600
milli-inches long will result in a voltage drop of 30
µV.
The DAC7631 offers a force and sense output configuration
for the high open-loop gain output amplifier. This feature
allows the loop around the output amplifier to be closed at
the load (as shown in Figure 4), thus ensuring an accurate
output voltage.
REFERENCE INPUTS
The reference inputs, VREFL and VREFH, can be any voltage
between VSS + 2.5V and VCC – 2.5V, provided that VREFH
is at least 1.25V greater than VREFL. The minimum output of
each DAC is equal to VREFL plus a small offset voltage
(essentially, the offset of the output op amp). The maximum
output is equal to VREFH plus a similar offset voltage. Note
that VSS (the negative power supply) must either be
connected to ground or must be in the range of –4.75V to
–5.25V. The voltage on VSS sets several bias points within
the converter. If VSS is not in one of these two configura-
tions, the bias values may be in error and proper operation
of the device is not guaranteed.
Reset DAC Registers
Chip Select
DGND
V
DD
SDI
CLK
CS
V
CC
AGND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DAC7631
V
REFH Sense
V
REFH
V
REFL Sense
V
REFL
SDO
V
SS
V
OUT Sense
V
OUT
NC
RSTSEL
RST
LOAD
Serial Data In
Clock
Load DAC Registers
Load
LDAC
Serial Data Out
+
0.1
µF1µF
+5V
+2.5000V
0V to +2.5V
Reset DAC Registers
Chip Select
DGND
V
DD
SDI
CLK
CS
V
CC
AGND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DAC7631
V
REFH Sense
V
REFH
V
REFL Sense
V
REFL
SDO
V
SS
V
OUT Sense
V
OUT
NC
RSTSEL
RST
Serial Data In
Clock
Load DAC Registers
Load
LDAC
LOAD
Serial Data Out
+
+
0.1
µF
0.1
µF1µF
+
+5V
1
µF
0.1
µF1µF
+5V
–5V
+2.5000V
–2.5000V
–2.5V to +2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com