Electronic Components Datasheet Search
  English  ▼

X  

DAC7631EB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7631EB
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7631EB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7631EB Datasheet HTML 7Page - Texas Instruments DAC7631EB Datasheet HTML 8Page - Texas Instruments DAC7631EB Datasheet HTML 9Page - Texas Instruments DAC7631EB Datasheet HTML 10Page - Texas Instruments DAC7631EB Datasheet HTML 11Page - Texas Instruments DAC7631EB Datasheet HTML 12Page - Texas Instruments DAC7631EB Datasheet HTML 13Page - Texas Instruments DAC7631EB Datasheet HTML 14Page - Texas Instruments DAC7631EB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
®
DAC7631
TYPICAL PERFORMANCE CURVES: VSS = –5V (Cont.)
At TA = +25°C, VDD = VCC = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, representative unit, unless otherwise specified.
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(+2.5V to –2.5V)
Large-Signal Settling Time: 1V/div
Small-Signal Settling Time:
2LSB/div
+5V
LDAC
0
THEORY OF OPERATION
The DAC7631 is a 16-bit voltage-output Digital-to-Analog
Converter (DAC). The architecture is an R-2R ladder con-
figuration with the three MSB’s segmented, followed by an
operational amplifier that serves as a buffer, as shown in
Figure 1. The minimum voltage output (zero-scale) and
maximum voltage output (full-scale) are set by external
voltage references at VREFL and VREFH, respectively.
The digital input is a 16-bit serial word representing the
16-bit DAC input code, sent MSB first. The DAC7631 can
be powered from either a single +5V supply or a dual
±5V
supply. The device offers a reset function which immedi-
ately sets the output voltage and DAC register to mid-scale
code (8000H) or to zero-scale code (0000H). See Figures 2
and 3 for the basic operation of the DAC7631.
R
2R
2R
2R
2R
2R
2R
2R
2R
2R
V
REFH
V
OUT
V
OUT Sense
V
REFH Sense
V
REFL
V
REFL Sense
R
F
FIGURE 1. DAC7631 Architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com