Electronic Components Datasheet Search
  English  ▼

X  

DAC7631EB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7631EB
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7631EB Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7631EB Datasheet HTML 10Page - Texas Instruments DAC7631EB Datasheet HTML 11Page - Texas Instruments DAC7631EB Datasheet HTML 12Page - Texas Instruments DAC7631EB Datasheet HTML 13Page - Texas Instruments DAC7631EB Datasheet HTML 14Page - Texas Instruments DAC7631EB Datasheet HTML 15Page - Texas Instruments DAC7631EB Datasheet HTML 16Page - Texas Instruments DAC7631EB Datasheet HTML 17Page - Texas Instruments DAC7631EB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
®
14
DAC7631
FIGURE 6. Single-supply Buffered Reference, VREFL = 50mV.
FIGURE 9. Single-supply Buffered Reference, VREFL = +1.25V, VREFH = –1.25V.
FIGURE 7. Integral Linearity and Differential Linearity
Error Curves for Figure 6.
FIGURE 8. Integral Linearity and Differential Linearity
Error Curves for Figure 9.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2k
Ω
+0.050V
+V
98k
Ω
+2.5V
+V
OPA2350
2200pF
2200pF
100
Ω
100
Ω
1000pF
1000pF
1
2
3
4
V
REFH
V
REFH Sense
V
REFL
V
REFL Sense
DAC7631
NOTE: V
REFL has been chosen to be 50mV to allow for current sinking voltage
drops across the 100
Ω resistor and the output stage of the buffer op amp.
+V
+V
+1.25V
+2.5V
+V
OPA2350
2200pF
2200pF
100
Ω
100
Ω
1000pF
1000pF
1
2
3
4
V
REFH
V
REFH Sense
V
REFL
V
REFL Sense
DAC7631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com