Electronic Components Datasheet Search
  English  ▼

X  

DAC7631EB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7631EB
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7631EB Datasheet(HTML) 5 Page - Texas Instruments

  DAC7631EB Datasheet HTML 1Page - Texas Instruments DAC7631EB Datasheet HTML 2Page - Texas Instruments DAC7631EB Datasheet HTML 3Page - Texas Instruments DAC7631EB Datasheet HTML 4Page - Texas Instruments DAC7631EB Datasheet HTML 5Page - Texas Instruments DAC7631EB Datasheet HTML 6Page - Texas Instruments DAC7631EB Datasheet HTML 7Page - Texas Instruments DAC7631EB Datasheet HTML 8Page - Texas Instruments DAC7631EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
®
DAC7631
PIN
LABEL
DESCRIPTION
1VREFH
DAC Reference High Input
2VREFH Sense
DAC Reference Sense High Input
3VREFL
DAC Reference Low Input
4VREFL Sense
DAC Reference Sense Low Input
5
DGND
Digital Ground
6VDD
Logic Power Supply
7
SDO
Serial Data Output
8
SDI
Serial Data Input
9
CLK
Data Clock
10
CS
Chip Select, Active LOW.
11
LDAC
DAC Register Load Control, Rising Edge Triggered.
12
LOAD
DAC Input Register Load Control, Active LOW.
13
RST
Reset, Rising Edge. Depending on the state of
RSTSEL, the DAC Register is set to either midscale
or zero.
14
RSTSEL
Reset Select. Determines the action of RST. If
HIGH, a RST command will set the DAC register to
midscale. If low, a RST command will set the DAC
register to zero.
15
NC
No Connection
16
VOUT
DAC Voltage Output
17
VOUT Sense
DAC Output Amplifier Inverting Input, Used to
Close the Feedback Loop at the Load.
18
VSS
Negative Power Supply
19
AGND
Analog Ground
20
VCC
Positive Power Supply
PIN CONFIGURATION
Top View
SSOP
PIN DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V
REFH
V
REFH Sense
V
REFL
V
REFL Sense
DGND
V
DD
SDO
SDI
CLK
CS
V
CC
AGND
V
SS
V
OUT Sense
V
OUT
NC
RSTSEL
RST
LOAD
LDAC
DAC7631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com