Electronic Components Datasheet Search
  English  ▼

X  

3935 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3935
Description  3-PHASE POWER MOSFET CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3935 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3935 Datasheet HTML 1Page - Allegro MicroSystems 3935 Datasheet HTML 2Page - Allegro MicroSystems 3935 Datasheet HTML 3Page - Allegro MicroSystems 3935 Datasheet HTML 4Page - Allegro MicroSystems 3935 Datasheet HTML 5Page - Allegro MicroSystems 3935 Datasheet HTML 6Page - Allegro MicroSystems 3935 Datasheet HTML 7Page - Allegro MicroSystems 3935 Datasheet HTML 8Page - Allegro MicroSystems 3935 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3935
THREE-PHASE POWER
MOSFET CONTROLLER
www.allegromicro.com
5
Characteristics
Symbol
Conditions
Limits
Min
Typ
Max
Units
Control Logic
Logic Input Voltages
V
I(1)
Minimum high level input for logical “one”
2.0
–
–
V
V
I(0)
Maximum low level input for logical “zero”
–
–
0.8
V
Logic Input Currents
I
I(1)
V
I = VDD
–
–
500
µA
I
I(0)
V
I = 0.8 V
50
–
–
µA
Input Hysteresis
V
hys
100
–
300
mV
Logic Output High Voltage
V
O(H)
I
O(H) = -800 µA
V
DD – 0.8
–
–
V
Logic Output Low Voltage
V
I(L)
I
O(L) = 1.6 mA
–
–
0.4
V
Gate Drives, GHx ( internal SOURCE or upper switch stages)
Output High Voltage
V
DSL(H)
GHx: I
xU = –10 mA, Vsx = 0
V
REG – 2.26
–
V
REG
V
GLx: I
xU = –10 mA, Vlss = 0
V
REG – 0.26
–
V
REG
V
Source Current (pulsed)
I
xU
V
SDU = 10 V, TJ = 25 °C
–
800
–
mA
V
SDU = 10 V, TJ = 135 °C
400
–
–
mA
Source ON Resistance
r
SDU(on)
I
xU = –150 mA, T
J = 25 °C
4.0
–
10
Ω
I
xU = –150 mA, TJ = 35 °C
7.0
–
15
Ω
Gate Drives, GLx ( internal SINK or lower switch stages)
Sink Current (pulsed)
I
xL
V
DSL = 10 V, TJ = 25 °C
–
850
–
mA
V
DSL = 10 V, TJ = 135 °C
550
–
–
mA
Sink ON Resistance
r
DSL(on)
I
xL = +150 mA, TJ = 25 °C
1.8
–
6.0
Ω
I
xL = +150 mA, TJ = 135 °C
3.0
–
7.5
Ω
Gate Drives, GHx, GLx (General)
Phase Leakage (Source)
ISx
ENABLE = 0, VSx = 1.7 V
0
–
100
µA
Propagation Delay, Logic only
t
pd
Logic input to unloaded GHx, GLx
–
–
150
ns
Output Skew Time
t
sk(o)
Grouped by edge, phase-to-phase
–
–
50
ns
Dead Time (Shoot-Through
Prevention)
t
dead
Between GHx, GLx transitions of same phase
75
–
180
ns
NOTES: Typical Data and Typical Characteristics are for design information only.
Negative current is defined as coming out of (sourcing) the specified device terminal.
For GH
X: VSDU = VCX – VGHX, VDSL = VGHX – VSX, VDSL(H) = VCX – VSDU – VSX.
For GL
X: VSDU = VREG – VGLX, VDSL = VGLX – VLSS, VDSL(H) = VREG – VSDU – VLSS.
ELECTRICAL CHARACTERISTICS: unless otherwise noted at T
J = -40°C to +150°C, VBAT = 7 V to 16 V,
V
DD = 4.75 V to 5.25 V, ENABLE = 22.5 kHz, 50% Duty Cycle, Two Phases Active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com