Electronic Components Datasheet Search
  English  ▼

X  

3935 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3935
Description  3-PHASE POWER MOSFET CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3935 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3935 Datasheet HTML 3Page - Allegro MicroSystems 3935 Datasheet HTML 4Page - Allegro MicroSystems 3935 Datasheet HTML 5Page - Allegro MicroSystems 3935 Datasheet HTML 6Page - Allegro MicroSystems 3935 Datasheet HTML 7Page - Allegro MicroSystems 3935 Datasheet HTML 8Page - Allegro MicroSystems 3935 Datasheet HTML 9Page - Allegro MicroSystems 3935 Datasheet HTML 10Page - Allegro MicroSystems 3935 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
3935
THREE-PHASE POWER
MOSFET CONTROLLER
www.allegromicro.com
7
ELECTRICAL CHARACTERISTICS: unless otherwise noted at T
J = -40°C to +150°C, VBAT = 7 V to 16 V,
V
DD = 4.75 V to 5.25 V, ENABLE = 22.5 kHz, 50% Duty Cycle, Two Phases Active.
Limits
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Fault Logic
VDD Undervoltage
V
DD(uv)
Decreasing V
DD
3.8
–
4.3
V
VDD Undervoltage Hysteresis
∆V
DD(uv)
V
DD(recovery) - VDD(uv)
100
–
300
mV
OVSET Operating Volt. Range
V
SET(ov)
0–
V
DD
V
OVSET Calibrated Volt. Range
V
SET(ov)
0
–
2.5
V
OVSET Input Current Range
I
SET(ov)
-1.0
–
+1.0
µA
VBAT Overvoltage Range
V
BAT(ov)
0 V < V
SET(ov) < 2.5 V
19.4
–
40
V
VBAT Overvoltage
V
BAT(ov)
Increasing V
BAT, VSET(ov) = 0 V
19.4
22.4
25.4
V
VBAT Overvoltage Hysteresis
∆V
BAT(ov)
Percent of V
BAT(ov) value set by VSET(ov)
9.0
–
15
%
VBAT Overvoltage Gain Constant
K
BAT(ov)
V
BAT(ov) = (KBAT(ov) x VSET(ov)) + VBAT(ov) [0]
–
12
–
V/V
VBAT Undervoltage
V
BAT(uv)
Decreasing V
BAT
5.0
5.25
5.5
V
VBAT Undervoltage Hysteresis
∆V
BAT(uv)
Percent of V
BAT(uv)
8.0
–
12
%
VREG Undervoltage
V
REG(uv)
Decreasing V
REG
9.9
–
11.1
V
VDSTH Input Range
V
DSTH
0.5
–
3.0
V
VDSTH Input Current
I
DSTH
V
DSTH > 0.8 V
40
–
100
µA
Short-to-Ground Threshold
V
STG(th)
With a high-side driver “on”, as V
SX decreases,
V
DSTH-0.3
– V
DSTH+0.2
V
V
DRAIN - VSX > VSTG causes a fault
Short-to-Battery Threshold
V
STB(th)
With a low-side driver “on”, as V
SX increases,
V
DSTH-0.3
– V
DSTH+0.2
V
V
SX - VLSS > VSTB causes a fault
V
DRAIN /Open Bridge Oper. Range
V
DRAIN
7 V < V
BAT < 40 V
-0.3
–
V
BAT+2.0
V
V
DRAIN /Open Bridge Current
I
VDRAIN
7 V < V
BAT < 40 V
0
–
1.0
mA
V
DRAIN /Open Bridge Threshold Volt.
V
BDGO(th)
If V
DRAIN < VBDGOTH then a bridge fault occurs
1.0
–
3.0
V
Thermal Shutdown Temp.
T
J
160
170
180
°C
Thermal Shutdown Hysteresis
∆T
J
7.0
10
13
°C
NOTES: Typical Data and Typical Characteristics are for design information only.
Negative current is defined as coming out of (sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com