Electronic Components Datasheet Search
  English  ▼

X  

3935 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # 3935
Description  3-PHASE POWER MOSFET CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3935 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button 3935 Datasheet HTML 7Page - Allegro MicroSystems 3935 Datasheet HTML 8Page - Allegro MicroSystems 3935 Datasheet HTML 9Page - Allegro MicroSystems 3935 Datasheet HTML 10Page - Allegro MicroSystems 3935 Datasheet HTML 11Page - Allegro MicroSystems 3935 Datasheet HTML 12Page - Allegro MicroSystems 3935 Datasheet HTML 13Page - Allegro MicroSystems 3935 Datasheet HTML 14Page - Allegro MicroSystems 3935 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
3935
THREE-PHASE POWER
MOSFET CONTROLLER
www.allegromicro.com
11
Functional Description (cont’d)
Input Logic
ENABLE xLO
xHI
GLx
GHx
Mode of Operation
0
X
X
0
0
All gate drive outputs low
1
0000
Both gate drive outputs low
1
0101
High side on
1
1010
Low side on
1
1100
XOR circuitry prevents shoot-through
Fault Responses
ENABLE
Boost
V
REG
Fault Mode
Input
FAULT
OVFLT
UVFLT
Reg.
Reg.
GHx
GLx
No Fault
X
1
0
0
ON
ON
""
Short-to-Battery
1#
0
0
0
ON
ON
""
Short-to-Ground
1$
0
0
0
ON
ON
""
Bridge (V
DRAIN) Fault
1%
0
0
0
ON
ON
""
V
REG Undervoltage
X
0
0
0
ON
ON
""
V
BAT Overvoltage
X
0
1
0
OFF&
ON
""
V
BAT Undervoltage'
X
0
0
1
OFF
OFF
0
0
V
DD Undervoltage'
X
0
Z
Z
OFF
OFF
0
0
Thermal Shutdown'
X
0
Z
Z
OFF
OFF
0
0
NOTES: x = “Little x ”indicates A, B, or C phase.
X = “Capital X “ indicates a “don’t care”.
Z = High-impedance state.
" = Depends on xLO input, xHI input, and ENABLE. See Input Logic table.
# = Short-to-battery can only be detected when the corresponding GLx = 1. This fault is not detected when ENABLE = 0.
$ = Short-to-ground can only be detected when the corresponding GHx = 1. This fault is not detected when ENABLE = 0.
% = Bridge fault appears as a short-to-ground fault on all motor phases. This fault is not detected when ENABLE = 0.
& = Off, only because V
BOOST ≈ VBAT is above the voltage threshold of the regulator’s voltage control loop.
' = These faults are not only reported but action is taken by the internal logic to protect the A3935 and the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com