Electronic Components Datasheet Search
  English  ▼

X  

3935 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # 3935
Description  3-PHASE POWER MOSFET CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3935 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button 3935 Datasheet HTML 6Page - Allegro MicroSystems 3935 Datasheet HTML 7Page - Allegro MicroSystems 3935 Datasheet HTML 8Page - Allegro MicroSystems 3935 Datasheet HTML 9Page - Allegro MicroSystems 3935 Datasheet HTML 10Page - Allegro MicroSystems 3935 Datasheet HTML 11Page - Allegro MicroSystems 3935 Datasheet HTML 12Page - Allegro MicroSystems 3935 Datasheet HTML 13Page - Allegro MicroSystems 3935 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
3935
THREE-PHASE POWER
MOSFET CONTROLLER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
Functional Description
Motor Lead Protection. A fault detection circuit monitors
the voltage across the drain to source of the external MOSFETs.
A fault is asserted “low” on the output terminal, FAULT, if the
drain-to-source voltage of any MOSFET that is instructed to turn
on is greater than the voltage applied to the V
DSTH input terminal.
When a high-side switch is turned on, the voltage from V
DRAIN to
the appropriate motor phase output, V
SX, is examined. If the
motor lead is shorted to ground before the high side is turned on,
the measured voltage will exceed the threshold and the FAULT
terminal will go “low”. Similarly, when a low-side MOSFET is
turned on, the differential voltage between the motor phase
(drain) and the LSS terminal (source) is monitored. V
DSTH is set
by a resistor divider to V
DD.
The V
DRAIN is intended to be a Kelvin connection for the high-
side, drain-source monitor circuit. Voltage drops across the
power bus are eliminated by connecting an isolated PCB trace
from the V
DRAIN terminal to the drain of the MOSFET bridge.
This allows improved accuracy in setting the V
DSTH threshold
voltage. The low-side, drain-source monitor uses the LSS
terminal, rather than V
DRAIN, in comparing against VDSTH.
The A3935 merely reports these motor faults.
Fault Outputs. Transient faults on any of the fault outputs are
to be expected during switching and will not disable the gate
drive outputs. External circuitry or controller logic must
determine if the faults represent a hazardous condition.
FAULT. This terminal will go active “low” when any of the
following conditions occur:
V
BAT overvoltage,
V
BAT undervoltage,
V
REG undervoltage,
Motor lead short-to-ground,
Motor lead short-to-supply (or battery),
Bridge (or V
DRAIN) open,
V
DD undervoltage, or
Thermal shutdown.
OVFLT. Asserts “high” when a V
BAT overvoltage fault occurs
and resets “low” after a recovery hysteresis. It has a high-
impedance state when a thermal shutdown or V
DD undervoltage
occurs. The voltage at the OVSET terminal, V
OVSET, controls
the V
BAT overvoltage set point VBAT(ov), i.e.,
V
BAT(ov) = (KBAT(ov) x VSET(ov)) + VBAT(ov)(0),
where K
BAT(ov) is the gain (12) and VBAT(ov)(0) is the value of
V
BAT(ov) when VSET(ov) is zero (~22.4). For valid formula, all
variables must be in range and below maximum operating
specification.
UVFLT. Asserts “high” when a V
BAT undervoltage fault occurs
and resets “low” after a recovery hysteresis. It has a high-
impedance state when a thermal shutdown or V
DD undervoltage
occurs. OVFLT and UVFLT are mutually exclusive by defini-
tion.
Current Sensing. A current-sense amplifier is provided to
allow system monitoring of the load current. The differential
amplifier inputs are intended to be Kelvin connected across a
low-value sense resistor or current shunt. The output voltage is
represented by:
V
CSOUT = ( ILOAD x AV x RS) + VOS
where V
OS is the output voltage calibrated at zero load current
and A
V is the differential amplifier gain of about 19.2. If either
the CSP or CSN pin is open, the CSOUT pin will go to its
maximum positive level.
Shutdown. If a fault occurs because of excessive junction
temperature or undervoltage on V
DD or VBAT, all gate driver
outputs are driven “low” until the fault condition is removed. In
addition, the boost supply switch and the VREG are turned “off”
until those undervoltages and junction temperatures recover.
Boost Supply. V
BOOST is controlled by an inner current-
control loop, and by an outer voltage-feedback loop. The
current-control loop turns “off” the boost switch for 5 µs
whenever the voltage across the boost current-sense resistor
exceeds 500 mV. A diode reverse-recovery current flows
through the sense resistor whenever the boost switch turns “on”,
which could turn it “off” again if not for the “blanking time”
circuit. Adjustment of this external sense resistor determines the
maximum current in the inductor. Whenever V
BOOST exceeds the
predefined threshold, nominally 16 V, the boost switch is
inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com