Electronic Components Datasheet Search
  English  ▼

X  

3935 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3935
Description  3-PHASE POWER MOSFET CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3935 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3935 Datasheet HTML 1Page - Allegro MicroSystems 3935 Datasheet HTML 2Page - Allegro MicroSystems 3935 Datasheet HTML 3Page - Allegro MicroSystems 3935 Datasheet HTML 4Page - Allegro MicroSystems 3935 Datasheet HTML 5Page - Allegro MicroSystems 3935 Datasheet HTML 6Page - Allegro MicroSystems 3935 Datasheet HTML 7Page - Allegro MicroSystems 3935 Datasheet HTML 8Page - Allegro MicroSystems 3935 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Always order by complete part number, e.g., A3935KLQ .
3-PHASE POWER MOSFET CONTROLLER
— For Automotive Applications
3935
The A3935 is designed specifically for automotive applications that
require high-power motors. Each provides six high-current gate drive
outputs capable of driving a wide range of n-channel power MOSFETs.
A requirement of automotive systems is steady operation over a
varying battery input range. The A3935 integrates a pulse-frequency
modulated boost converter to create a constant supply voltage for
driving the external MOSFETs. Bootstrap capacitors are utilized to
provide the above battery supply voltage required for n-channel FETs.
Direct control of each gate output is possible via six TTL-compat-
ible inputs. A differential amplifier is integrated to allow accurate
measurement of the current in the three-phase bridge.
Diagnostic outputs can be continuously monitored to protect the
driver from short-to-battery, short-to-supply, bridge-open, and battery
under/overvoltage conditions. Additional protection features include
dead-time, VDD undervoltage, and thermal shutdown.
The A3935 is supplied in a choice of three packages, a 44-lead
PLCC with copper batwing tabs (suffix ED), a 48-lead low profile QFP
with exposed thermal pad (suffix JP), and a 36-lead 0.8 mm pitch SOIC
(suffix LQ).
FEATURES
!
!
!
!
! Drives wide range of n-channel MOSFETs in 3-phase bridges
!
!
!
!
! PFM boost converter for use with low-voltage battery supplies
!
!
!
!
! Internal LDO regulator for gate-driver supply
!
!
!
!
! Bootstrap circuits for high-side gate drivers
!
!
!
!
! Current monitor output
!
!
!
!
! Adjustable battery overvoltage detection.
!
!
!
!
! Diagnostic outputs
! Motor lead short-to-battery, short-to-ground, and
bridge-open protection
! Undervoltage protection
!
!
!
!
! -40 °C to +150 °C, T
J operation
!
!
!
!
! Thermal shutdown
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltages, VBAT, VDRAIN,
VBOOST, BOOSTD ... -0.6 V to 40 V
Output Voltage Ranges,
GHA/GHB/GHC, V
GHX .. -4 V to 55 V
SA/SB/SC, V
SX ............... -4 V to 40 V
GLA/GLB/GLC, V
GLX .... -4 V to 16 V
CA/CB/CC, V
CX .......... -0.6 V to 55 V
Sense Circuit Voltages,
CSP,CSN, LSS ............... -4 V to 6.5 V
Logic Supply Voltage,
V
DD ........................... -0.3 V to +6.5 V
Logic Input/Outputs and OVSET, BOOSTS,
CSOUT, VDSTH ......... -0.3 V to 6.5 V
Operating Temperature Range,
T
A ...........................
-40°C to +135°C
Junction Temperature, T
J ........... +150°C
Storage Temperature Range,
T
S ...........................
-55°C to +150°C
* Fault conditions that produce excessive
junction temperature will activate device
thermal shutdown circuitry. These conditions
can be tolerated, but should be avoided.
Package ED, 44-Pin PLCC
Package JP, 48-Pin LQFP
Package LQ, 36-Pin SOIC


Similar Part No. - 3935

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3935 ALLEGRO-3935 Datasheet
211Kb / 16P
3-PHASE POWER MOSFET CONTROLLER - For Automotive Applications
logo
Molex Electronics Ltd.
39351-00 MOLEX-39351-00 Datasheet
139Kb / 2P
35 Series Pluggable Terminal Blocks
39352-00 MOLEX-39352-00 Datasheet
139Kb / 2P
35 Series Pluggable Terminal Blocks
39353-00 MOLEX-39353-00 Datasheet
139Kb / 2P
35 Series Pluggable Terminal Blocks
39354-00 MOLEX-39354-00 Datasheet
139Kb / 2P
35 Series Pluggable Terminal Blocks
More results

Similar Description - 3935

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
THREE-PHASE POWER MOSFET CONTROLLER
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
3935 ALLEGRO-3935 Datasheet
211Kb / 16P
3-PHASE POWER MOSFET CONTROLLER - For Automotive Applications
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
THREE-PHASE POWER MOSFET CONTROLLER
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3935KLQ-T ALLEGRO-A3935KLQ-T Datasheet
328Kb / 13P
3-Phase Power MOSFET Controller for Automotive Applications
A3935KLQTR-T ALLEGRO-A3935KLQTR-T Datasheet
318Kb / 13P
3-Phase Power MOSFET Controller for Automotive Applications
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com