Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1980
Description  AC ??7 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1980 Datasheet HTML 3Page - Analog Devices AD1980 Datasheet HTML 4Page - Analog Devices AD1980 Datasheet HTML 5Page - Analog Devices AD1980 Datasheet HTML 6Page - Analog Devices AD1980 Datasheet HTML 7Page - Analog Devices AD1980 Datasheet HTML 8Page - Analog Devices AD1980 Datasheet HTML 9Page - Analog Devices AD1980 Datasheet HTML 10Page - Analog Devices AD1980 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
REV. 0
AD1980
–7–
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
I/O
Function
DIGITAL INPUT/OUTPUT
2
XTL_IN
I
Crystal Input (24.576 MHz) or External Clock In (24.576 MHz,
14.31818 MHz or 48000 MHz)
3
XTL_OUT
O
Crystal Output
5
SDATA_OUT
I
AC-Link Serial Data Output. AD1980 Input Stream.
6BIT_ CLK
O/I
AC-Link Bit Clock. 12.288 MHz serial data clock. (Input pin, for
Secondary mode only.)
8
SDATA_IN
O
AC-Link Serial Data Input. AD1980 Output Stream.
10
SYNC
I
AC-Link Frame Sync
11
RESET
I
AC-Link Reset. AD1980 Master H/W Reset.
48
SPDIF
O
SPDIF Output
CHIP SELECTS/CLOCK STRAPPING
45
ID0
IChip Select Input 0 (Active Low). This pin can also be used as the
chain input from a secondary Codec.
46
ID1
IChip Select Input 1 (Active Low)
JACK SENSE AND EAPD
47
EAPD
O
EAPD Output
17
JS0
I
Jack Sense 0 Input
16
JS1
I
Jack Sense 1 Input
ANALOG INPUT/OUTPUT
13
PHONE_IN
I
Monaural Line-Level Input
14
AUX_L
I
Auxiliary Input, Left Channel
15
AUX_R
I
Auxiliary Input, Right Channel
18
CD_L
I
CD Audio Left Channel
19
CD_GND_REF
I
CD Audio Analog Ground Reference for Differential CD Input
20
CD_ R
I
CD Audio Right Channel
21
MIC1
I
Microphone #1 Input (Left Channel when 2-Channel Mode Selected)
22
MIC2
I
Microphone #2 Input (Right Channel when 2-Channel Mode Selected)
23
LINE_IN_L
I
Line-In Left Channel
24
LINE_IN_R
I
Line-In Right Channel
31
CENTER_OUT
O
Center Channel Output
32
LFE_OUT
O
Low Frequency Enhanced Output
35
LINE_OUT_L
O
Line-Out (Front) Left Channel
36
LINE_OUT_R
O
Line-Out (Front) Right Channel
37
MONO_OUT
O
Monaural Output to Telephone Subsystem Speakerphone
39
SURR_OUT_L/HP_OUT_L
O
Surround or Front Headphone Left Channel Output
41
SURR_OUT_R/HP_OUT_R
O
Surround or Front Headphone Right Channel Output
FILTER/REFERENCE
27
VREF
OVoltage Reference Filter
28
VREFOUT
OVoltage Reference Output 5 mA Drive (intended for MIC bias)
29
AFILT1
O
Antialiasing Filter Capacitor—ADC Right Channel
30
AFILT2
O
Antialiasing Filter Capacitor—ADC Left Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com