Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 19 Page - Analog Devices

Part # AD1980
Description  AC ??7 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1980 Datasheet HTML 15Page - Analog Devices AD1980 Datasheet HTML 16Page - Analog Devices AD1980 Datasheet HTML 17Page - Analog Devices AD1980 Datasheet HTML 18Page - Analog Devices AD1980 Datasheet HTML 19Page - Analog Devices AD1980 Datasheet HTML 20Page - Analog Devices AD1980 Datasheet HTML 21Page - Analog Devices AD1980 Datasheet HTML 22Page - Analog Devices AD1980 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
REV. 0
AD1980
–19–
Extended Audio Status and Control Register (Index 2Ah)
Reg
No. Name
D15
D14 D13 D12 D11 D10
D9 D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
2Ah Extended Audio VFORCE X
PRK PRJ
PRI SPCV X
ELDAC ESDAC ECDAC SPSA1 SPSA0 X
ESPDIF EDRA EVRA 0XX0h
Stat/Ctrl
The extended audio status and control register is a read/write register that provides status and control of the extended audio features. All registers not shown and bits
containing an X are assumed to be reserved.
EVRA
Variable Rate Audio (Read/Write).
VRA = 0, sets fixed sample rate audio at 48 kHz (Reset Default).
VRA = 1, enables variable rate audio mode (enables sample rate registers and SLOTREQ signaling).
EDRA
Double Rate Audio.
DRA = 1 enables double rate audio mode in which data from PCM L and PCM R in output slots 3 and 4 is used in
conjunction with PCM L (n + 1) and PCM R (n + 1) data to provide DAC streams at twice the sample rate desig-
nated by the PCM front sample rate control register. When using the double rate audio only the front DACs are
supported, and all other DACs (surround, center, and LFE) are automatically powered down.
Note that DRA can be used without VRA; in that case the converter rates are forced to 96 kHz if DRA = 1.
ESPDIF
SPDIF Transmitter Subsystem Enable/Disable Bit (Read/Write).
SPDIF = 1 enables the SPDIF transmitter.
SPDIF = 0 disables the SPDIF transmitter (default).
SPSA[1,0]
SPDIF Slot Assignment Bits (Read/Write).
These bits control the SPDIF slot assignment and respective defaults, depending on the codec ID configuration.
See the following table.
ECDAC
Center DAC Status (Read Only).
CDAC = 1 indicates the PCM center DAC is ready.
ESDAC
Surround DAC status (Read Only).
SDAC = 1 indicates the PCM surround DACs are ready.
ELDAC
LFE DAC status (Read Only).
LDAC = 1 indicates the PCM LFE DAC is ready.
SPCV
SPDIF Configuration Valid (Read Only). Indicates the status of the SPDIF transmitter subsystem, enabling the
driver to determine if the currently programmed SPDIF configuration is supported. SPCV is always valid, indepen-
dent of the SPDIF enable bit status.
SPCV = 0 indicates current SPDIF configuration (SPSA, SPSR, DAC slot rate, DRS) is not valid (not supported).
SPCV = 1 indicates current SPDIF configuration (SPSA, SPSR, DAC slot rate, DRS) is valid (supported).
PRI
Center DAC Power-Down (Read/Write).
PRJ = 1 turns off the PCM Center DAC.
PRJ
Surround DACs Power-Down (Read/Write).
PRJ = 1 turns off the PCM surround DACs.
PRK
LFE DAC Power-Down (Read/Write).
PRJ = 1 turns off the PCM LFE DAC.
VFORCE
Validity Force Bit (Reset Default = 0).
When asserted, this bit forces the SPDIF stream validity flag (Bit 28 within each SPDIF L/R subframe) to be con-
trolled by the V bit (D15) in Register 3Ah (SPDIF control register).
VFORCE = 0 and V = 0; the Validity Bit is managed by the codec error detection logic.
VFORCE = 0 and V = 1; the Validity Bit is forced high, indicating subframe data is invalid.
VFORCE = 1 and V = 0; the Validity Bit is forced low, indicating subframe data is valid.
VFORCE = 1 and V = 1; the Validity Bit is forced high, indicating subframe data is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com