Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 25 Page - Analog Devices

Part # AD1980
Description  AC ??7 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1980 Datasheet HTML 21Page - Analog Devices AD1980 Datasheet HTML 22Page - Analog Devices AD1980 Datasheet HTML 23Page - Analog Devices AD1980 Datasheet HTML 24Page - Analog Devices AD1980 Datasheet HTML 25Page - Analog Devices AD1980 Datasheet HTML 26Page - Analog Devices AD1980 Datasheet HTML 27Page - Analog Devices AD1980 Datasheet HTML 28Page - Analog Devices AD1980 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
REV. 0
AD1980
–25–
Table IX. Jack Sense Mute Select (JSMT [2:0])
HP
LINE
C/LFE
MONO
REF
JS1
JS0
JSMT2
JSMT1 JSMT0 OUT
OUT
OUT
OUT
NOTES
0
OUT (0)
OUT (0)
0
0
0
ACTIVE
ACTIVE
ACTIVE
ACTIVE
JS0 and JS1 ignored
1
OUT (0)
IN
(1)
0
0
0
ACTIVE
ACTIVE
ACTIVE
ACTIVE
2IN
(1)
OUT (0)
0
0
0
ACTIVE
ACTIVE
ACTIVE
ACTIVE
3IN
(1)
IN
(1)
0
0
0
ACTIVE
ACTIVE
ACTIVE
ACTIVE
4
OUT (0)
OUT (0)
0
0
1
ACTIVE
FMUTE
FMUTE
ACTIVE
JS0 no mute action,
5
OUT (0)
IN
(1)
0
0
1
ACTIVE
FMUTE
FMUTE
ACTIVE
JS1 mutes mono and
6IN
(1)
OUT (0)
0
0
1
ACTIVE
ACTIVE
ACTIVE
ACTIVE
enables LINE_OUT
7IN
(1)
IN
(1)
0
0
1
ACTIVE
ACTIVE
ACTIVE
ACTIVE
and C/LFE.
Standard 6-channel
config swapped
HP_OUT and
LINE_OUT.
8
OUT (0)
OUT (0)
0
1
0
FMUTE
ACTIVE
FMUTE
ACTIVE
JS0 no mute action,
9
OUT (0)
IN
(1)
0
1
0
FMUTE
ACTIVE
FMUTE
ACTIVE
JS1 mutes Mono and
10
IN
(1)
OUT (0)
0
1
0
ACTIVE
ACTIVE
ACTIVE
FMUTE
enables HP_OUT
11
IN
(1)
IN
(1)
0
1
0
ACTIVE
ACTIVE
ACTIVE
FMUTE
and C/LFE.
Standard 6-channel
config no swap.
12
OUT (0)
OUT (0)
0
1
1
**
**
**
**
** Reserved
13
OUT (0)
IN
(1)
0
1
1
**
**
**
**
14
IN
(1)
OUT (0)
0
1
1
**
**
**
**
15
IN
(1)
IN
(1)
0
1
1
**
**
**
**
16
OUT (0)
OUT (0)
1
0
0
ACTIVE
FMUTE
FMUTE
ACTIVE
JS0 = 0 and JS1 = 0
17
OUT (0)
IN
(1)
1
0
0
ACTIVE
ACTIVE
ACTIVE
FMUTE
enables mono.
18
IN
(1)
OUT (0)
1
0
0
ACTIVE
FMUTE
FMUTE
FMUTE
JS1 = 1 enables front
19
IN
(1)
IN
(1)
1
0
0
ACTIVE
FMUTE
FMUTE
FMUTE
only.
JS0 = 1 enables all rear.
6-chan config with
front jack wrap back.
20
OUT (0)
OUT (0)
1
0
1
FMUTE
FMUTE
FMUTE
ACTIVE
JS0 no mute action,
21
OUT (0)
IN
(1)
1
0
1
FMUTE
FMUTE
FMUTE
FMUTE
JS1 mutes mono and
22
IN
(1)
OUT (0)
1
0
1
ACTIVE
ACTIVE
ACTIVE
FMUTE
enables LINE_OUT
23
IN
(1)
IN
(1)
1
0
1
ACTIVE
ACTIVE
ACTIVE
FMUTE
+ HP_OUT + C/LFE.
Standard 6-channel
config swapped
HP_OUT and
LINE_OUT.
24
OUT (0)
OUT (0)
1
1
0
**
**
**
** Reserved
25
OUT (0)
IN
(1)
1
1
0
**
**
**
26
IN
(1)
OUT (0)
1
1
0
**
**
**
27
IN
(1)
IN
(1)
1
1
0
**
**
**
28
OUT (0)
OUT (0)
1
1
1
**
**
**
** Reserved
29
OUT (0)
IN
(1)
1
1
1
**
**
**
30
IN
(1)
OUT (0)
1
1
1
**
**
**
31
IN
(1)
IN
(1)
1
1
1
**
**
**
FMUTE = Output is forced to mute independent of the respective Volume Register setting.
ACTIVE = Output is not muted and its status is dependent on the respective Volume Register setting.
OUT = Nothing plugged into the jack and therefore the JS status is “0” (via the load resistor pull-down).
IN = Jack has plug inserted and therefore the JS status is “1” (via the codec JS internal pull-up).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com