Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 29 Page - Analog Devices

Part # AD1980
Description  AC ??7 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD1980 Datasheet HTML 24Page - Analog Devices AD1980 Datasheet HTML 25Page - Analog Devices AD1980 Datasheet HTML 26Page - Analog Devices AD1980 Datasheet HTML 27Page - Analog Devices AD1980 Datasheet HTML 28Page - Analog Devices AD1980 Datasheet HTML 29Page - Analog Devices AD1980 Datasheet HTML 30Page - Analog Devices AD1980 Datasheet HTML 31Page - Analog Devices AD1980 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
REV. 0
AD1980
–29–
Vendor ID Register (Index 7Ch–7Eh)
Reg
No. Name
D15
D14 D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
7Ch Vendor ID1 F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
4144h
S[7:0]
This register is ASCII encoded to A.
F[7:0]
This register is ASCII encoded to D.
Reg
No. Name
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
7Eh Vendor ID2 T7
T6
T5
T4
T3
T2
T1
T0
REV7 REV6 REV5 REV4 REV3 REV2 REV1 REV0 5370h
T[7:0]
This register is ASCII encoded to S.
REV[7:0]
This register is set to 70h identifying the AD1980.
Codec ID and Clock Selection Table
XTL_IN
ID1#
IDO#
Codec ID
Codec Clocking Source
GND
0
0
SECONDARY, ID = 3
12.288 MHz (BIT_CLK from Primary Codec)
GND
0
1
SECONDARY, ID = 2
12.288 MHz (BIT_CLK from Primary Codec)
GND
1
0
SECONDARY, ID = 1
12.288 MHz (BIT_CLK from Primary Codec)
XTAL
1
1
PRIMARY, ID = 0
24.576 MHz Local XTAL or External CLK
into XTL_IN
CLK INPUT
0
0
PRIMARY, ID = 0
14.3181 MHz (External into XTL_IN)
CLK INPUT
0
1
PRIMARY, ID = 0
48.00 MHz (External into XTL_IN)
CLK INPUT
1
X
RESERVED
RESERVED
Note that internally, the
ID pins have weak pull-ups and are inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com