Electronic Components Datasheet Search
  English  ▼

X  

AD9882 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9882
Description  Dual Interface for Flat Panel Displays
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9882 Datasheet HTML 5Page - Analog Devices AD9882 Datasheet HTML 6Page - Analog Devices AD9882 Datasheet HTML 7Page - Analog Devices AD9882 Datasheet HTML 8Page - Analog Devices AD9882 Datasheet HTML 9Page - Analog Devices AD9882 Datasheet HTML 10Page - Analog Devices AD9882 Datasheet HTML 11Page - Analog Devices AD9882 Datasheet HTML 12Page - Analog Devices AD9882 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
REV. A
AD9882
–9–
PIN DESCRIPTIONS OF SHARED PINS BETWEEN
ANALOG AND DIGITAL INTERFACES
HSOUT
Horizontal Sync Output
A reconstructed and phase-aligned version of the
video Hsync. The polarity of this output can be
controlled via a serial bus bit. In analog interface
mode, the placement and duration are variable.
In digital interface mode, the placement and
duration are set by the graphics transmitter.
VSOUT
Vertical Sync Output
The separated Vsync from a composite signal or
a direct pass-through of the Vsync input. The
polarity of this output can be controlled via a
serial bus bit. The placement and duration in all
modes is set by the graphics transmitter.
SERIAL PORT (2-WIRE)
SDA
Serial Port Data I/O
SCL
Serial Port Data Clock
A0
Serial Port Address Input
For a full description of the 2-wire serial register,
refer to the Control Port section on 2-Wire
Serial Control.
DATA OUTPUTS
RED
Data Output, RED Channel
GREEN
Data Output, GREEN Channel
BLUE
Data Output, BLUE Channel
The main data outputs. Bit 7 is the MSB. These
outputs are shared between the two interfaces
and behave according to which interface is active.
Refer to the sections on the two interfaces for
more information on how these outputs behave.
DATACK
Data Output Clock
Just like the data outputs, the data clock output
is shared between the two interfaces. It behaves
differently depending on which interface is active.
Refer to the sections on the two interfaces to
determine how this pin behaves.
Table II. Analog Interface Pin List
Pin
Pin Type
Mnemonic
Function
Value
Number
Analog Video
RAIN
Analog Input for Converter R
0.0 V to 1.0 V
70
Inputs
GAIN
Analog Input for Converter G
0.0 V to 1.0 V
65
BAIN
Analog Input for Converter B
0.0 V to 1.0 V
59
External
HSYNC
Horizontal SYNC Input
3.3 V CMOS
79
Sync/Clock
VSYNC
Vertical SYNC Input
3.3 V CMOS
80
SOGIN
Sync-on-Green Input
0.0 V to 1.0 V
64
Sync Outputs
HSOUT
Hsync Output (Phase-Aligned with DATACK)
3.3 V CMOS
88
VSOUT
Vsync Output
3.3 V CMOS
87
SOGOUT
Composite SYNC
3.3 V CMOS
89
Voltage
REFBYPASS
Internal Reference Bypass
1.25 V
73
Reference
MIDBYPASS
Internal Midscale Voltage Bypass
74
Clamp Voltages
PLL Filter
FILT
Connection for External Filter Components for Internal PLL
48
Power Supply
VD
Main Power Supply
3.15 V to 3.45 V
PVD
PLL Power Supply (Nominally 3.3 V)
3.15 V to 3.45 V
VDD
Output Power Supply
2.2 V to 3.6 V
GND
Ground
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com