Electronic Components Datasheet Search
  English  ▼

X  

AD9882 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9882
Description  Dual Interface for Flat Panel Displays
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9882 Datasheet HTML 15Page - Analog Devices AD9882 Datasheet HTML 16Page - Analog Devices AD9882 Datasheet HTML 17Page - Analog Devices AD9882 Datasheet HTML 18Page - Analog Devices AD9882 Datasheet HTML 19Page - Analog Devices AD9882 Datasheet HTML 20Page - Analog Devices AD9882 Datasheet HTML 21Page - Analog Devices AD9882 Datasheet HTML 22Page - Analog Devices AD9882 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
REV. A
AD9882
–19–
Table VIII. Digital Interface Pin List
Pin Type
Mnemonic
Function
Value
Pin Number
Digital Video
RX0+
Digital Input Channel 0 True
33
Data Inputs
RX0–
Digital Input Channel 0 Complement
32
RX1+
Digital Input Channel 1 True
36
RX1–
Digital Input Channel 1 Complement
35
RX2+
Digital Input Channel 2 True
39
RX2–
Digital Input Channel 2 Complement
38
Digital Video
RXC+
Digital Data Clock True
41
Clock Inputs
RXC–
Digital Data Clock Complement
42
Termination
RTERM
Control Pin for Setting the Internal Termination
28
Control
Resistance
Outputs
DE
Data Enable
3.3 V CMOS
86
HSOUT
Hsync Output
3.3 V CMOS
88
VSOUT
Vsync Output
3.3 V CMOS
87
CTL0, CTL1,
Decoded Control Bit Outputs
3.3 V CMOS
22–25
CTL2, CTL3
HDCP
DDCSCL
HDCP Slave Serial Port Data Clock
3.3 V CMOS
53
DDCSDA
HDCP Slave Serial Port Data I/O
3.3 V CMOS
54
MCL
HDCP Master Serial Port Data Clock
3.3 V CMOS
81
MDA
HDCP Master Serial Port Data I/O
3.3 V CMOS
82
Power Supply
VD
Main Power Supply
3.15 V to 3.45 V
PVD
PLL Power Supply
3.15 V to 3.45 V
VDD
Output Power Supply
2.2 V to 3.6 V
GND
Ground Supply
0 V
DIGITAL INTERFACE PIN DESCRIPTIONS
DIGITAL DATA INPUTS
RX0+
Positive Differential Input Data (Channel 0)
RX0–
Negative Differential Input Data (Channel 0)
RX1+
Positive Differential Input Data (Channel 1)
RX1–
Negative Differential Input Data (Channel 1)
RX2+
Positive Differential Input Data (Channel 2)
RX2–
Negative Differential Input Data (Channel 2)
These six pins receive three pairs of differential, low voltage swing input pixel
data from a DVI transmitter.
DIGITAL CLOCK INPUTS
RXC+
Positive Differential Input Clock
RXC–
Negative Differential Input Clock
These two pins receive the differential, low voltage swing input pixel clock from
a DVI transmitter.
TERMINATION CONTROL
RTERM
Internal Termination Set Pin
This pin is used to set the termination resistance
for all of the digital interface high speed inputs.
To set, place a resistor of value equal to 10
¥ the
desired input termination resistance between this
pin (Pin 28) and ground supply. Typically, the
value of this resistor should be 500
W.
OUTPUTS
DE
Data Enable Output
This pin outputs the state of data enable (DE).
The AD9882 decodes DE from the incoming
stream of data. The DE signal will be HIGH
during active video and will be LOW while there
is no active video.
DDCSCL
HDCP Slave Serial Port Data Clock
For use in communicating with the HDCP
enabled DVI transmitter.
DDCSDA
HDCP Slave Serial Port I/O
For use in communicating with the HDCP
enabled DVI transmitter.
MCL
HDCP Master Serial Port Data Clock
Connects to the EEPROM for reading the
encrypted HDCP keys.
MDA
HDCP Master Serial Port Data I/O
Connects to the EEPROM for reading the
encrypted HDCP keys.
CTL
Digital Control Outputs
These pins output the control signals for the
Red and Green channels. CTL0 and CTL1
correspond to the Red channel’s input, while
CTL2 and CTL3 correspond to the Green
channel’s input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com