Electronic Components Datasheet Search
  English  ▼

X  

AD9882 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9882
Description  Dual Interface for Flat Panel Displays
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9882 Datasheet HTML 23Page - Analog Devices AD9882 Datasheet HTML 24Page - Analog Devices AD9882 Datasheet HTML 25Page - Analog Devices AD9882 Datasheet HTML 26Page - Analog Devices AD9882 Datasheet HTML 27Page - Analog Devices AD9882 Datasheet HTML 28Page - Analog Devices AD9882 Datasheet HTML 29Page - Analog Devices AD9882 Datasheet HTML 30Page - Analog Devices AD9882 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
REV. A
AD9882
–27–
Active HIGH means the leading edge of the Hsync pulse is
positive-going. This means that timing will be based on the
leading edge of Hsync, which is now the RISING edge.
The device will operate if this bit is set incorrectly, but the inter-
nally generated clamp position, as established by Clamp Placement
(Register 05H), will not be placed as expected, which may
generate clamping errors.
The power-up default value is HSPOL = 1.
10
5
Hsync Output Polarity
One bit that determines the polarity of the Hsync output and the
SOG output. Table XVI shows the effect of this option. SYNC
indicates the logic state of the sync pulse.
Table XVI. Hsync Output Polarity Settings
Setting
SYNC
0Logic 1 (positive polarity)
1Logic 0 (negative polarity)
The default setting for this register is 0.
10
4
Active Hsync Override
This bit is used to override the automatic Hsync selection. To
override, set this bit to logic 1. When overriding, the active
Hsync is set via Bit 3 in this register.
Table XVII. Active Hsync Override Settings
Override
Result
0Autodetermine the active Hsync.
1Override. Bit 3 determines the active Hsync.
The default for this register is 0.
10
3
Active Hsync Select
This bit is used under two conditions. It is used to select the active
Hsync when the override bit is set (Bit 4). Alternately, it is used
to determine the active Hsync when not overriding, but both
Hsyncs are detected.
Table XVIII. Active Hsync Select Settings
Select
Result
0Hsync input
1
Sync-on-Green input
The default for this register is 0.
10
2
Vsync Output Polarity
One bit that determines the polarity of the Vsync output.
Table XIX shows the effect of this option. SYNC indicates the
logic state of the sync pulse.
Table XIX. Vsync Output Polarity Settings
Setting
SYNC
1Not invert
0
Invert
The default setting for this register is 0.
10
1
Active Vsync Override
This bit is used to override the automatic Vsync selection. To
override, set this bit to logic 1. When overriding, the active
interface is set via Bit 0 in this register.
Table XX. Active Vsync Override Settings
Override
Result
0Autodetermine the active Vsync
1Override. Bit 0 determines the active Vsync.
The default for this register is 0.
10
0
Active Vsync Select
This bit is used to select the active Vsync when the override bit
is set (Bit 1).
Table XXI. Active Vsync Select Settings
Select
Result
0Vsync input
1
Sync separator output
The default for this register is 0.
11
7
Clamp Function
A bit that enables/disables clamping.
Table XXII. Clamp Input Signal Source Settings
Clamp Function
Function
0
Internally generated clamp enabled
1Clamping disabled
A 0 enables the clamp timing circuitry controlled by clamp
placement and clamp duration. The clamp position and duration
is counted from the trailing edge of Hsync.
A 1 disables clamping. The three channels are clamped when
the CLAMP signal is active.
Power-up default value is CLAMP FUNCTION = 0.
11
6
RED Clamp Select
A bit that determines whether the RED channel is clamped to
ground or to midscale. For RGB video, all three channels are
referenced to ground. For YPbPr, the Y channel is referenced
to ground, but the PbPr channels are referenced to midscale.
Clamping to midscale actually clamps to Pin 74.
Table XXIII. RED Clamp Select Settings
Clamp
Function
0Clamp to ground
1Clamp to midscale (Pin 74)
The default setting for this register is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com