Electronic Components Datasheet Search
  English  ▼

X  

AD9882 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9882
Description  Dual Interface for Flat Panel Displays
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9882 Datasheet HTML 18Page - Analog Devices AD9882 Datasheet HTML 19Page - Analog Devices AD9882 Datasheet HTML 20Page - Analog Devices AD9882 Datasheet HTML 21Page - Analog Devices AD9882 Datasheet HTML 22Page - Analog Devices AD9882 Datasheet HTML 23Page - Analog Devices AD9882 Datasheet HTML 24Page - Analog Devices AD9882 Datasheet HTML 25Page - Analog Devices AD9882 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
REV. A
–22–
AD9882
2-WIRE SERIAL REGISTER MAP
The AD9882 is initialized and controlled by a set of registers that determines the operating modes. An external controller is employed
to write and read the Control Registers through the 2-wire serial interface port.
Table IX. Control Register Map
Hex
Read and Write
Default
Address
or Read Only
Bit
Value
Register Name
Function
00
RO
7–0Chip Revisions
An 8-bit register that represents the silicon
level. Revision 0 = 0000 0000
01
R/W
7–0
0110 1001
PLL Div MSB
This register is for Bits [11:4] of the PLL
divider. Larger values mean the PLL operates
at a faster rate. This register should be loaded
first whenever a change is needed. (This will
give the PLL more time to lock.)
1
02
R/W
7–4
1101
****
PLL Div LSB
Bits [3:0] LSBs of the PLL divider word. Links
to PLL MSB to make a 12-bit register.
1
03
R/W
7–601
** ****
VCO Range
Selects VCO frequency range.
5–3
**00 1***
Charge Pump
Varies the current that drives the PLL loop filter.
04
R/W
7–3
1000 0
***
Phase Adjust
ADC clock phase adjustment. Larger values
mean more delay (1 LSB = T/32).
05
R/W
7–0
0000 1000
Clamp Placement
Places the clamp signal an integer number of
clock periods after the trailing edge of Hsync.
06
R/W
7–0
0001 0100
Clamp Duration
Number of clock periods that the clamp signal
is actively clamping.
07
R/W
7–0
0010 0000
Hsync Output Pulsewidth
Sets the number of pixel clocks that HSOUT
will remain active.
08
R/W
7–0
1000 0000
Red Gain
Controls the ADC input range (contrast) of the
red channel. Larger values give less contrast.
09
R/W
7–0
1000 0000
Green Gain
Controls the ADC input range (contrast) of the
green channel. Larger values give less contrast.
0A
R/W
7–0
1000 0000
Blue Gain
Controls the ADC input range (contrast) of the
blue channel. Larger values give less contrast.
0B
R/W
7–1
1000 000
*
Red Offset
Controls the dc offset (brightness) of the red
channel. Larger values decrease brightness.
0C
R/W
7–1
1000 000
*
Green Offset
Controls the dc offset (brightness) of the green
channel. Larger values decrease brightness.
0D
R/W
7–1
1000 000
*
Blue Offset
Controls the dc offset (brightness) of the blue
channel. Larger values decrease brightness.
0E
R/W
7–0
0010 0000
Sync Separator Threshold
Sets how many pixel clocks to count before
toggling high or low. This should be set to
some number greater than the maximum
Hsync or equalization pulsewidth.
0F
R/W
7–3
0111 1
***
Sync-On-Green Threshold
Sets the voltage level of the Sync-on-Green
slicer’s comparator.
2
**** *0**
Active Interface Override
0 = No override
1 = User overrides, interface set by 0FH, Bit 1
1
**** **0*
Active Interface Select
0 = Analog interface active
1 = Digital interface active
This interface is selected only if Register 0FH,
Bit 2 is set to 1, or if both interfaces are active.
NOTE
1The AD9882 only updates the PLL divide ratio when the LSBs are written to Register 02H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com