Electronic Components Datasheet Search
  English  ▼

X  

AD9882 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9882
Description  Dual Interface for Flat Panel Displays
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9882 Datasheet HTML 7Page - Analog Devices AD9882 Datasheet HTML 8Page - Analog Devices AD9882 Datasheet HTML 9Page - Analog Devices AD9882 Datasheet HTML 10Page - Analog Devices AD9882 Datasheet HTML 11Page - Analog Devices AD9882 Datasheet HTML 12Page - Analog Devices AD9882 Datasheet HTML 13Page - Analog Devices AD9882 Datasheet HTML 14Page - Analog Devices AD9882 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
REV. A
AD9882
–11–
RED
Data Output, RED Channel
GREEN
Data Output, GREEN Channel
BLUE
Data Output, BLUE Channel
These are the main data outputs. Bit 7 is the MSB.
The delay from pixel sampling time to output is
fixed. When the sampling time is changed by
adjusting the PHASE register, the output timing
is shifted as well. The DATACK and HSOUT
outputs are also moved, so the timing relation-
ship among the signals is maintained.
Please refer to the timing diagrams for more
information.
POWER SUPPLY
VD
Main Power Supply
These pins supply power to the main elements of
the circuit. They should be as quiet as possible.
VDD
Digital Output Power Supply
A large number of output pins (up to 25) switch-
ing at high speed (up to 140 MHz) generates a
lot of power supply transients. These supply
pins are identified separately from the VD pins
so special care can be taken to minimize out-
put noise transferred into the sensitive analog
circuitry.
If the AD9882 is interfacing with lower voltage
logic, VDD may be connected to a lower supply
voltage (as low as 2.2 V) for compatibility.
PVD
Clock Generator Power Supply
The most sensitive portion of the AD9882 is the
clock generation circuitry. These pins provide
power to the clock PLL and help the user design
for optimal performance. The designer should
provide noise-free power to these pins.
GND
Ground
The ground return for all circuitry on chip. It is
recommended that the AD9882 be assembled on
a single solid ground plane, with careful attention
to ground current paths.
Table III. Interface Selection Controls
Analog
Digital
AIO
Interface
Interface
AIS
Active
(0FH Bit 2)
Detect
Detect
(0FH Bit 1)
Interface
Description
1
XX0
Analog
Force the analog interface active.
1Digital
Force the digital interface active.
00X
None
Neither interface was detected. Both interfaces are
powered down.
01X
Digital
The digital interface was detected. Power down the
analog interface.
10X
Analog
The analog interface was detected. Power down the
digital interface.
110
Analog
Both interfaces were detected. The analog interface
gets priority.
1Digital
Both interfaces were detected. The digital interface
gets priority.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com