Electronic Components Datasheet Search
  English  ▼

X  

AD9882 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9882
Description  Dual Interface for Flat Panel Displays
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9882 Datasheet HTML 8Page - Analog Devices AD9882 Datasheet HTML 9Page - Analog Devices AD9882 Datasheet HTML 10Page - Analog Devices AD9882 Datasheet HTML 11Page - Analog Devices AD9882 Datasheet HTML 12Page - Analog Devices AD9882 Datasheet HTML 13Page - Analog Devices AD9882 Datasheet HTML 14Page - Analog Devices AD9882 Datasheet HTML 15Page - Analog Devices AD9882 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
REV. A
–12–
AD9882
Table IV. Power-Down Modes, 4:2:2 and 4:4:4 Format Descriptions
Analog
Digital
Active
Active
Power- Interface
Interface
Interface
Interface
4:2:2
Mode
Down
1
Detect
2
Detect
3
Override
Select
Formatting Data Sheet Signals Powered On
Soft Power-
1
0
0
0
X
X
Serial bus, digital interface clock detect,
Down (Seek
analog interface clock detect, SOG
Mode)
Digital
1
0
1
0
X
X
Serial bus; digital interface and analog
Interface On
interface activity detect; SOG, band gap
reference; red, green, and blue outputs
Analog
1
1
0
0
X
0
Serial bus; analog interface and digital
Interface On
interface clock detect; SOG, band gap
4:4:4 Format
reference; red, green, and blue outputs
Analog
1
1
0
0
X
1
Serial bus; analog interface and digital
Interface On
interface clock detect; SOG, band gap
4:2:2 Format
reference; red and green outputs only
Serial Bus
1
1
1
1
0
0
Same as Analog Interface
Arbitrated
on 4:4:4 Mode
Interface
Serial Bus
1
1
1
1
0
1
Same as Analog Interface
Arbitrated
on 4:2:2 Mode
Interface
Serial Bus
1
1
1
1
1
X
Same as Digital Interface Mode
Arbitrated
Interface
Override to
1
1
X
1
0
0
Same as Analog Interface
Analog
4:4:4 Mode
Interface
Override to
1
1
X
1
0
1
Same as Analog Interface
Analog
4:2:2 Mode
Interface
Override to
1
X
1
1
1
X
Same as Digital Interface Mode
Digital
Interface
Absolute
0
X
X
X
X
X
Serial Bus
Power-
Down
NOTES
1Power-down is controlled via Bit 1 in Serial Bus Register 14H.
2Analog Interface Detect is determined by OR-ing Bits 7, 6, and 5 in Serial Bus Register 15H.
3Digital Interface Detect is determined by Bit 4 in Serial Bus Register 15H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com