Electronic Components Datasheet Search
  English  ▼

X  

AD53522 Datasheet(PDF) 6 Page - Analog Devices

Part # AD53522
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD53522 Datasheet HTML 2Page - Analog Devices AD53522 Datasheet HTML 3Page - Analog Devices AD53522 Datasheet HTML 4Page - Analog Devices AD53522 Datasheet HTML 5Page - Analog Devices AD53522 Datasheet HTML 6Page - Analog Devices AD53522 Datasheet HTML 7Page - Analog Devices AD53522 Datasheet HTML 8Page - Analog Devices AD53522 Datasheet HTML 9Page - Analog Devices AD53522 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
–6–
AD53522
SPECIFICATIONS (continued)
ACTIVE LOAD1
Spec
Spec
3
No.
Parameter
Conditions
Min
Typ
2
Max
Unit
Perf
303
VIOL Current Program Range,
IOL = 0 mA to 40 mA
VDUT = –0.5 V, +5.2 V
0
4.0
V
P
304
VIOH, VIOL Input Bias Current
VIOL = 0 V, 4 V and
–300
+300
µAP
VIOH = 0 V, 4 V
305
IOXRTN Range
IOL = +40 mA, IOH = –40 mA,
–0.5, +6.5
V
N
VDUT = –0.5 V, +6.5 V
310
VDUT Range
IOL = +40 mA, IOH = –40 mA,
–0.5
+6.5
V
P
|VDUT – VCOM|> 1.3 V
311
VDUT Range,
VDUT – VCOM > 1.3 V
+0.8
+6.5
V
P
IOH = 0 mA to –40 mA
312
VDUT Range,
VCOM – VDUT > 1.3 V
–0.5
+5.2
V
P
IOL = 0 mA to +40 mA
OUTPUT CHARACTERISTICS
Accuracy
320
Gain Error, Load Current,
IOL, IOH = 25
µA – 40 mA,
–0.35
+0.35
%ISET
P
Normal Range Calculated at
VCOM = 0 V, VDUT =
±2 V, and
1 mA and 40 mA points
2
IOL = 25
µA to 40 mA, VCOM = +6.5 V,
VDUT = +5.2 V and IOH = 25
µA to
40 mA, VCOM = –0.5 V, VDUT = +0.8 V
321
Load Offset
Calculated from Intercept of 1 mA
–300
+300
µAP
and 40 mA Points
322
Load Nonlinearity
IOL, IOH from 25
µA to 40 mA
–80
+80
µAP
323
Output Current Tempco
Measured at IOH, IOL = 200
µA< ±3
µA/°CN
324
IOH Extended Range
Driver Inhibited, IOH = 1 mA,
2
%
P
Change in IOH from VTT = 0 V to
VTT = –1.0 V
VCOM BUFFER
330
VCOM Buffer Offset Error
IOL, IOH = 40 mA, VCOM = 0 V
–50
+50
mV
P
331
VCOM Buffer Bias Current
VCOM = 0 V
–20
+20
µAP
332
VCOM Buffer Gain Error
IOL, IOH = 40 mA,
–4
+4
%
P
VCOM = –0.5 V to +6.5 V
333
VCOM Buffer Linearity Error
IOL, IOH = 40 mA,
–10
+10
mV
P
VCOMI = –0.5 V to +6.5 V
DYNAMIC PERFORMANCE
Propagation Delay
340
±I
MAX to INHIBIT
VTT = +2 V, VCOM = +4 V/0 V,
1.0
1.3
2.0
ns
P
IOL = +20 mA, IOH = –20 mA
341
INHIBIT to
±I
MAX
VTT= +2 V, VCOM = +4 V/0 V,
1.2
1.8
2.4
ns
P
IOL = +20 mA, IOH = –20 mA
342
Propagation Delay Matching
Matching = (Test 340 Value) –
–1.0
+1.0
ns
P
(Test 341 Value)
350
I/O Spike
VCOM = 0 V, IOL = +20 mA,
250
mV
N
IOH = –20 mA
360
Settling Time to 15 mV
IOL = +20 mA, IOH = –20 mA,
50
ns
N
50
Ω Load, to ±15 mV
361
Settling Time to 4 mV
IOL = +20 mA, IOH = –20 mA,
10
µsN
50
Ω Load, to ±4 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com