Electronic Components Datasheet Search
  English  ▼

X  

AD53522 Datasheet(PDF) 4 Page - Analog Devices

Part # AD53522
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522 Datasheet(HTML) 4 Page - Analog Devices

  AD53522 Datasheet HTML 1Page - Analog Devices AD53522 Datasheet HTML 2Page - Analog Devices AD53522 Datasheet HTML 3Page - Analog Devices AD53522 Datasheet HTML 4Page - Analog Devices AD53522 Datasheet HTML 5Page - Analog Devices AD53522 Datasheet HTML 6Page - Analog Devices AD53522 Datasheet HTML 7Page - Analog Devices AD53522 Datasheet HTML 8Page - Analog Devices AD53522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
AD53522
SPECIFICATIONS (continued)
DRIVER1 (continued)
Spec
Spec
3
No.
Parameter
Conditions
Min
Typ
2
Max
Unit
Perf
MINIMUM WIDTH PULSE
140
1 V Swing
Measured at 50% point width
0.6
ns
N
VOUT AC Swing = 0.9
VOUT DC
141
3 V Swing
Swing Terminated, 50
Ω Load on
1.5
ns
N
Transmission Line
142
Toggle Rate
VH = 1 V, VL = 0 V, Terminated
1000
MHz
N
to 50
Ω,VOUT > 300 mV p-p
DYNAMIC PERFORMANCE, INHIBIT
150
Delay Time, Active to Inhibit
Measured at 50%, VH = 4 V,
1.7
2.0
ns
P
VL = 0 V, VTT = 2
151
Delay Time, Inhibit to Active
Measured at 50%, VH = 4 V,
1.7
2.2
ns
P
VL = 0 V, VTT = 2
152
Delay Time Matching,
Measured at 50%, VH = 4 V,
150
250
ps
P
Inhibit to Active
VL = 0 V, VTT = 2
153
Delay Time Matching,
Measured at 50%, VH = 4 V,
150
250
ps
P
Active to Inhibit
VL = 0 V, VTT = 2
160
I/O Spike
VH = 0 V, VL = 0 V
200
mV p-p
N
170
Rise, Fall Time, Active to Inhibit
VL = 0 V, VTT = 2
1.2
ns
N
(20%–80% of 1 V Output)
171
Rise, Fall Time, Inhibit to Active
VH = 4 V, VL = 0 V, VTT = 2
0.6
ns
N
(20%–80% of 1 V Output)
DYNAMIC PERFORMANCE, VTERM
180
Delay Time, VH to VTERM
Measured at 50%, VL = VH = 2 V,
1.5
1.9
ns
P
VTERM = 0 V, VTT = 0 V
181
Delay Time, VL to VTERM
Measured at 50%, VL = VH = 0 V,
1.6
1.9
ns
P
VTERM = 2 V, VTT = 0 V
182
Delay Time, VTERM to VH
Measured at 50%, VL = VH = 2 V,
1.6
2.0
ns
P
VTERM = 0 V, VTT = 0 V
183
Delay Time, VTERM to VL
Measured at 50%, VL = VH = 0 V,
1.6
2.0
ns
P
VTERM = 2 V, VTT = 0 V
190
Overshoot and Preshoot
VH/VL, VTERM = (0 V, 2 V),
–6.0 + 50
+6.0 + 50 % of Step N
(0 V, 6 V)
+ mV
191A
VTERM Rise Time, VL to VT,
VL, VH = 0 V, VTERM = 2 V,
1.0
ns
N
Normal Mode
20%–80%
191B
VTERM Rise Time, VT to VH,
VL, VH = 2 V, VTERM = 0 V,
0.6
ns
N
Normal Mode
20%–80%
192A
VTERM Fall Time, VT to VL,
VL, VH = 0 V, VTERM = 2 V,
0.6
ns
N
Normal Mode
20%–80%
192B
VTERM Fall Time, VH to VT,
VL, VH = 2V, VTERM = 0 V,
1.0
ns
N
Normal Mode
20%–80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com