Electronic Components Datasheet Search
  English  ▼

X  

AD53522 Datasheet(PDF) 9 Page - Analog Devices

Part # AD53522
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD53522 Datasheet HTML 4Page - Analog Devices AD53522 Datasheet HTML 5Page - Analog Devices AD53522 Datasheet HTML 6Page - Analog Devices AD53522 Datasheet HTML 7Page - Analog Devices AD53522 Datasheet HTML 8Page - Analog Devices AD53522 Datasheet HTML 9Page - Analog Devices AD53522 Datasheet HTML 10Page - Analog Devices AD53522 Datasheet HTML 11Page - Analog Devices AD53522 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
–9–
AD53522
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
PROT_HI1
IOXRTN1
VCH1
VCL1
VHDCPL1
OUT1
VLDCPL1
100 99
92
91
98
97
96
95
94
93
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
34
35
28
29
30
31
32
33
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
26
27
PWRGND
PWRGND
PWRGND
PWRGND
GND_ROT
PWRGND
PWRGND
DR_GND2
PWRGND
PWRGND
VLDCPL2
OUT2
VHDCPL2
VCL2
VCH2
IOXRTN2
PROT_HI2
LCOMP1
VCC
VCC
VEE
QHB1
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
QLB1
QL1
RLDB1
PWRD1
GND_ROT
PWRD2
RLDB2
QL2
QLB2
VCCO2
QHB2
QH2
VEE
VEE
VCC
VCC
AD53522
TOP VIEW
(Not to Scale)
NOTE
DIE IS MOUNTED TO THE BACK OF THE HEAT SLUG.
THE PACKAGE IS MOUNTED TO THE BOARD, HEAT SLUG UP.
VEE
QH1
VCCO1
LCOMP2
DR_GND
HEAT SLUG
PIN 1
IDENTIFIER
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Description
1
PROT_HI1
Channel 1, Output Voltage Sensing Diode.
2
IOXRTN1
Current Return Path for the Active Load for Channel 1. Typically connected to a power ground.
3
VCH1
Analog Input Voltage that Sets the Reflection Clamp High Level of Channel 1.
4
VCL1
Analog Input Voltage that Sets the Reflection Clamp Low Level of Channel 1.
5
VHDCPL1
Internal Supply Decoupling for the Driver Output Stage of Channel 1. This pin needs to be connected to
VCC through a 39 nF (minimum) capacitor.
6
OUT1
Input/Output For The Driver, Window Comparator, Reflection Clamp, and Active Load of Channel 1.
7
VLDCPL1
Internal Supply Decoupling for the Driver Output Stage of Channel 1. This pin needs to be connected to
VEE through a 39 nF (minimum) capacitor.
8, 9, 11, 12, 14, PWRGND
Power Ground.
15, 17, 18, 27,
28, 38, 44, 45,
81, 82, 88, 98, 99
10
DR_GND
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com