Electronic Components Datasheet Search
  English  ▼

X  

AD53522 Datasheet(PDF) 8 Page - Analog Devices

Part # AD53522
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD53522 Datasheet HTML 4Page - Analog Devices AD53522 Datasheet HTML 5Page - Analog Devices AD53522 Datasheet HTML 6Page - Analog Devices AD53522 Datasheet HTML 7Page - Analog Devices AD53522 Datasheet HTML 8Page - Analog Devices AD53522 Datasheet HTML 9Page - Analog Devices AD53522 Datasheet HTML 10Page - Analog Devices AD53522 Datasheet HTML 11Page - Analog Devices AD53522 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
AD53522
Table II. Comparator Truth Table
Output States
VOUT
QH
QHB
QL
QLB
> HCOMP
> LCOMP
1
0
1
0
> HCOMP
< LCOMP
1
0
0
1
< HCOMP
> LCOMP
0
1
1
0
< HCOMP
< LCOMP
0
1
0
1
ABSOLUTE MAXIMUM RATINGS
1
POWER SUPPLY VOLTAGE
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11.3 V
VEE to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
VCCO to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
PWRGND, DRGND, GND_ROT, or HQGND . . . .
±0.4 V
OUTPUTS
VOUT Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
2
VOUT, Inhibit Mode . . . . . . . . . . . . . . . . . . . . . +8.5 V, –2 V
VOUT, Inhibit Mode . . . . . VL – 5.5 V < VOUT < VH + 5.5 V
VHDCPL . . . . . . . . Do Not Connect Except for Cap to VCC
VLDCPL . . . . . . . . Do Not Connect Except for Cap to VEE
QH, QHB, QL, QLB Maximum IOUT:
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Surge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
THERM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 V, 0 V
Driver Output Capacitance, Maximum . . . . . . . . . . . . 10 pF
INPUTS
DATA, DATAB, IOD, IODB, RLD, RLDB
. . . . . . . . . . . . . . . . . . . . . . . . (VCCO + 1.5 V, VCCO – 4.5 V)
INHL, INHLB, CMPD . . . . . . . . . . . . . . . –0.4 V to +5.5 V
PWRD . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.4 V to +4.5 V
DATA to DATAB, IOD to IODB, RLD to RLDB . . .
±3 V
INHL to INHLB . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
VH, VL, VTERM to GND (RSERIES < 500
Ω) .+7.5 V, –1.1 V
VH to VL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8 V, –3.5 V
(VH – VTERM) and (VTERM – VL) . . . . . . . . . . . . .
±8 V
Reflection Clamp High/Low . . . . . . . . . . . . . . . +8.5 V, –2 V
Protection Clamp Breakdown Voltage . . . . . . . . . . . . . . 12 V
Protection Clamp Current . . . . . . . . . . . . . . . . . . . . .
±5 mA
VOUT to HCOMP or LCOMP . . . . . . . . . . . . . . . . . .
±7.8 V
ENVIRONMENTAL
Operating Temperature (Junction) . . . . . . . . . . . . . . . 175
°C
Storage Temperature . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec)
3
. . . . . . . . . . . 260
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Absolute maximum limits apply
individually, not in combination. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2 Output short circuit protection is guaranteed as long as proper heat sinking is
employed to ensure compliance with the operating temperature limits.
3 To ensure lead coplanarity (
±0.002 inches) and solderability, handling with bare
hands should be avoided and the device should be stored in environments at 24
°C
± 5°C (75°F ±10°F) with relative humidity not to exceed 65%.
Table I. Driver Truth Table
Output
DATA DATAB
IOD
IODB
RLD
RLDB
State
01
1
0
X
X
VL
10
1
0
X
X
VH
XX
0
1
0
1
INH and
CLAMP
XX
01
10
VTERM
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD53522JSQ
0
°C to 70°C
100-Lead LQFP-EDQUAD
SQ-100
with Integral Heat Slug
Table III. Active Load Truth Table
Output States (Including Diode Bridge)
VDUT
INHL INHLB IOH
IOL
I(VOUT)
<VCOM 0
1
V(IOHC)
+10 mA
V(IOLC)
–10 mA
IOL
>VCOM 0
1
V(IOHC)
+10 mA
V(IOLC)
–10 mA
IOH
X1
0
0
0
0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD53522 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com