Electronic Components Datasheet Search
  English  ▼

X  

AD53522 Datasheet(PDF) 3 Page - Analog Devices

Part # AD53522
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522 Datasheet(HTML) 3 Page - Analog Devices

  AD53522 Datasheet HTML 1Page - Analog Devices AD53522 Datasheet HTML 2Page - Analog Devices AD53522 Datasheet HTML 3Page - Analog Devices AD53522 Datasheet HTML 4Page - Analog Devices AD53522 Datasheet HTML 5Page - Analog Devices AD53522 Datasheet HTML 6Page - Analog Devices AD53522 Datasheet HTML 7Page - Analog Devices AD53522 Datasheet HTML 8Page - Analog Devices AD53522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
AD53522
DRIVER1 (continued)
Spec
Spec
3
No.
Parameter
Conditions
Min
Typ
2
Max
Unit
Perf
VTERM
60
Voltage Range
Term Mode, VTERM = –0.3 V
–0.3
+6.3
V
P
to +6.3 V, VL = 0 V, VH = +3 V
(VTERM Meets Test 61, 62, and 63 specs)
61
VTERM Offset
Term Mode, VTERM = 0 V,
–50
+50
mV
P
VL = 0 V, VH = +3 V
62
VTERM Gain Error
Term Mode, VTERM = –0.3 V
–0.3
+0.3
% of VSET P
to +6.3 V, VL = 0 V, VH = +3 V
63
VTERM Linearity Error
4
Term Mode, VTERM = –0.3 V
–5
+5
mV
P
to +6.3 V, VL = 0 V, VH = +3 V
64
Offset Temperature Coefficient
VTERM = 0 V, VL = 0 V, VH = +3 V
+0.5
mV/
°CN
70
Output Resistance DC
IOUT = +30 mA, –1 mA,
+46
+50
Ω
VTERM = –0.3 V, VH = +3 V, VL = 0 V
N
IOUT = –30 mA, +1 mA,
VTERM =+6.3 V, VH = +3 V, VL = 0 V
N
IOUT =
±30 mA, ±1 mA,
VTERM = +2.5 V, VH = +3 V, VL = 0 V
P
72
PSRR, Drive, or Term Mode
+VS , –VS
± 1%
+17.8
mV/V
N
73
Static Current Limit
Output to –0.3 V, VTERM = +6.3 V
–120
–60
mA
P
74
Static Current Limit
Output to +6.3 V, VTERM = –0.3 V
+60
+120
mA
P
DYNAMIC PERFORMANCE, DRIVE (VH and VL)
80
Propagation Delay Time
Measured at 50%, VL = 0 V,
1.25
1.4
1.55
ns
P
VH = 3 V, into 500
Ω
81
Propagation Delay T.C.
Measured at 50%, VL = 0 V,
2
ps/
°CN
VH = 3 V, into 500
Ω
82
Delay Matching, Edge-to-Edge
Measured at 50%, VL = 0 V,
200
ps
P
VH = 3 V, into 500
Ω
RISE AND FALL TIMES
90
200 mV Swing
Measured 20%–80%, VL = –0.1 V,
0.25
ns
N
VH = +0.1 V, into 50
Ω
91
1 V Swing
Measured 20%–80%, VL = 0 V,
0.3
ns
N
VH = 1 V, into 50
Ω
92
3 V Swing
Measured 10%–90%, VL = 0 V,
0.8
ns
N
VH = 3 V, into 50
Ω
93
3 V Swing
Measured 10%–90%, VL = 0 V,
0.8
ns
N
VH = 3 V, into 500
Ω
93A
3 V Swing
Measured 20%–80%, VL = 0 V,
0.450
0.560
0.670
ns
P
VH = 3 V, into 500
Ω
94
5 V Swing
Measured 10%–90%, VL = 0 V,
1.2
1.5
ns
N
VH = 5 V, into 500
Ω
RISE AND FALL TIME TEMPERATURE COEFFICIENT
100
1 V Swing
(Per Test 91)
±2
ps/
°CN
101
3 V Swing
(Per Test 92)
±2
ps/
°CN
102
5 V Swing
(Per Test 94)
±4
ps/
°CN
110
Overshoot and Preshoot
VL, VH = –0.1 V, +0.1 V,
0 – 50
0 + 50
% of Step N
Driver Terminated into 50
Ω
+ mV
VL, VH = 0.0 V, 3 V,
–6.0 – 50
+6.0 + 50 % of Step N
Driver Terminated into 50
Ω
+ mV
SETTLING TIME
120
to 15 mV
VL = 0 V, VH = 0.5 V,
50
ns
N
Driver Terminated into 50
Ω
121
to 4 mV
VL = 0 V, VH = 0.5 V
10
µsN
130
Delay Change vs. Pulse Width
VL/VH = 0/3, PW = 2.5 ns/7.5 ns,
25
75
ps
N
30 ns/90 ns, DC = 25%
131
Delay Change vs. Duty Cycle
VL = 0 V, VH = 3 V, Duty Cycle
25
ps
N
(DC) 5% to 95%, T = 40 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com