Electronic Components Datasheet Search
  English  ▼

X  

AD53522 Datasheet(PDF) 2 Page - Analog Devices

Part # AD53522
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522 Datasheet(HTML) 2 Page - Analog Devices

  AD53522 Datasheet HTML 1Page - Analog Devices AD53522 Datasheet HTML 2Page - Analog Devices AD53522 Datasheet HTML 3Page - Analog Devices AD53522 Datasheet HTML 4Page - Analog Devices AD53522 Datasheet HTML 5Page - Analog Devices AD53522 Datasheet HTML 6Page - Analog Devices AD53522 Datasheet HTML 7Page - Analog Devices AD53522 Datasheet HTML 8Page - Analog Devices AD53522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD53522–SPECIFICATIONS
DRIVER1 (T
J = 85 C
5 C, +VS = +10.5 V
1%, –VS = –4.5 V
1%, VCCO = 3.3 V, unless otherwise noted.)
Spec
Spec
3
No.
Parameter
Conditions
Min
Typ
2
Max
Unit
Perf
DIFFERENTIAL INPUT CHARACTERISTICS
(DATA to DATAB, IOD to IODB, RLD to RLDB)
1
Voltage Range
Note: Inputs are from Same Logic
0
+3.3
V
N
Type Family
2
Differential Voltage with
Note: AC Tests Performed
±400
±600
±1000
mV
P
LVPECL Levels
3
Bias Current
VIN = 1.5 V, 2.5 V
–250
+250
µAP
REFERENCE INPUTS
4
Bias Currents
Max Value Measured during
–50
+50
µAP
Linearity Tests
OUTPUT CHARACTERISTICS
10
Logic High Range
Data = H, VH = –0.4 V to +6.5 V,
–0.4
+6.5
V
P
Vl = –0.5 V (VT = 0 V, VH Meets
Test 20, 21, and 22 Specs)
11
Logic Low Range
Data = L, VL = –0.5 V to +6.4 V,
–0.5
+6.4
V
P
VH = 6.5 V (VT = 0 V, VL Meets
Test 30, 31, and 32 Specs)
12
Amplitude [VH–VL]
VL = –0.05 V, VH = +0.05 V,
+0.1
+7.0
V
P
VT = 0 V and VL = –0.5 V,
VH = +6.5 V, VT = 0 V
ABSOLUTE ACCURACY
20
VH Offset
Data = H, VH = 0 V, VL = –0.5 V,
–50
+50
mV
P
VT = +3 V
21
VH Gain Error
Data = H, VH = –0.4 V to +6.5 V,
–0.3
+0.3
% of VH
P
VL = –0.5 V, VT = +3 V
22
Linearity Error
Data = H, VH = –0.4 V to +6.5 V,
–5
+5
mV
P
VL = –0.5 V, VT = +3 V
30
VL Offset
Data = L, VL = 0 V, VH = +6.5 V,
–50
+50
mV
P
VT = +3 V
31
VL Gain Error
Data = L, VL = –0.5 V to +6.4 V,
–0.3
+0.3
% of VL
P
VH = +6.5 V, VT = +3 V
32
Linearity Error
Data = L, VL = –0.5 V to +6.4 V,
–5
+5
mV
P
VH = +6.5 V, VT = +3 V
33
Offset Temperature Coefficient
VL = 0 V, VH = +5 V, VT = 0 V
+0.5
mV/
°CN
OUTPUT RESISTANCE
40
VH = –0.3 V
VL = –0.5 V, VT = 0 V, IOUT = +1,
+46
+50
Ω
N
+30 mA
41
VH = +6.5 V
VL = –0.5 V, VT = 0 V, IOUT = –1,
+46
+50
Ω
P
–30 mA
42
VL = –0.5 V
VH = +6.5 V, VT = 0 V, IOUT = +1,
+46
+50
Ω
P
+30 mA
43
VL = +6.4 V
VH = +6.5 V, VT = 0 V, IOUT = –1,
+46
+50
Ω
N
–30 mA
44
VH = +2.5 V
VL = 0 V, VT = 0 V, IOUT = –30 mA
+47.5
Ω
P
(Trim Point)
50
Dynamic Current Limit
Cbyp = 39 nF, VH = +6.5 V,
+100
mA
N
VL = –0.5 V, VT = 0 V
51
Static Current Limit
Output to –0.5 V, VH = +6.5 V,
–120
–60
mA
P
VL = –0.5 V, VT = 0 V, DATA = H
52
Static Current Limit
Output to +6.5 V, VH = +6.5 V,
+60
+120
mA
P
VL = –0.5 V, VT = 0 V, DATA = L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com