Electronic Components Datasheet Search
  English  ▼

X  

ADF4153 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4153
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Datasheet(HTML) 5 Page - Analog Devices

  ADF4153 Datasheet HTML 1Page - Analog Devices ADF4153 Datasheet HTML 2Page - Analog Devices ADF4153 Datasheet HTML 3Page - Analog Devices ADF4153 Datasheet HTML 4Page - Analog Devices ADF4153 Datasheet HTML 5Page - Analog Devices ADF4153 Datasheet HTML 6Page - Analog Devices ADF4153 Datasheet HTML 7Page - Analog Devices ADF4153 Datasheet HTML 8Page - Analog Devices ADF4153 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADF4153
Rev. A | Page 5 of 24
TIMING CHARACTERISTICS1
AVDD = DVDD = SDVDD = 2.7 V to 3.3 V; VP = AVDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted; dBm
referred to 50 Ω.
Table 2.
Parameter
Limit at TMIN to TMAX (B Version)
Unit
Test Conditions/Comments
t1
20
ns min
LE Setup Time
t2
10
ns min
DATA to CLOCK Setup Time
t3
10
ns min
DATA to CLOCK Hold Time
t4
25
ns min
CLOCK High Duration
t5
25
ns min
CLOCK Low Duration
t6
10
ns min
CLOCK to LE Setup Time
t7
20
ns min
LE Pulse Width
1 Guaranteed by design but not production tested.
CLOCK
DATA
LE
LE
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com