Electronic Components Datasheet Search
  English  ▼

X  

ADF4153 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4153
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4153 Datasheet HTML 6Page - Analog Devices ADF4153 Datasheet HTML 7Page - Analog Devices ADF4153 Datasheet HTML 8Page - Analog Devices ADF4153 Datasheet HTML 9Page - Analog Devices ADF4153 Datasheet HTML 10Page - Analog Devices ADF4153 Datasheet HTML 11Page - Analog Devices ADF4153 Datasheet HTML 12Page - Analog Devices ADF4153 Datasheet HTML 13Page - Analog Devices ADF4153 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADF4153
Rev. A | Page 10 of 24
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 16. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
BUFFER
TO R COUNTER
REFIN
100k
Ω
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 16. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 17. It is followed by a
2-stage limiting amplifier to generate the current mode logic
(CML) clock levels needed for the prescaler.
BIAS
GENERATOR
1.6V
AGND
AVDD
2k
Ω
2k
Ω
RFINB
RFINA
Figure 17. RF Input Stage
RF INT DIVIDER
The RF INT CMOS counter allows a division ratio in the PLL
feedback counter. Division ratios from 31 to 511 are allowed.
INT, FRAC, MOD, AND R RELATIONSHIP
The INT, FRAC, and MOD values, in conjunction with the
R counter, make it possible to generate output frequencies that
are spaced by fractions of the phase frequency detector (PFD).
See the RF Synthesizer: A Worked Example section for more
information. The RF VCO frequency (RFOUT) equation is
(
)
(
)
MOD
FRAC
INT
F
RF
PFD
OUT
+
×
=
(1)
where
RFOUT is the output frequency of external voltage
controlled oscillator (VCO).
(
) R
D
REF
F
IN
PFD
+
×
=
1
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit.
R is the preset divide ratio of binary 4-bit programmable
reference counter (1 to 15).
INT is the preset divide ratio of binary 9-bit counter (31 to 511).
MOD is the preset modulus ratio of binary 12-bit
programmable FRAC counter (2 to 4095).
FRAC is the preset fractional ratio of binary 12-bit
programmable FRAC counter (0 to MOD).
RF R COUNTER
The 4-bit RF R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the PFD. Division ratios from 1 to 15 are allowed.
THIRD ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
MOD
REG
INT
REG
RF N DIVIDER
N = INT + FRAC/MOD
FROM RF
INPUT STAGE
TO PFD
N-COUNTER
Figure 18. A and B Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com