Electronic Components Datasheet Search
  English  ▼

X  

ADF4153 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4153
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4153 Datasheet HTML 14Page - Analog Devices ADF4153 Datasheet HTML 15Page - Analog Devices ADF4153 Datasheet HTML 16Page - Analog Devices ADF4153 Datasheet HTML 17Page - Analog Devices ADF4153 Datasheet HTML 18Page - Analog Devices ADF4153 Datasheet HTML 19Page - Analog Devices ADF4153 Datasheet HTML 20Page - Analog Devices ADF4153 Datasheet HTML 21Page - Analog Devices ADF4153 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADF4153
Rev. A | Page 18 of 24
When a power-down is activated, the following events occur:
1.
All active dc current paths are removed.
2.
The synthesizer counters are forced to their load state
conditions.
3.
The charge pump is forced into three-state mode.
4.
The digital lock detect circuitry is reset.
5.
The RFIN input is debiased.
6.
The input register remains active and capable of loading
and latching data.
Lock Detect Precision (LDP)
When this bit is programmed to 0, three consecutive reference
cycles of 15 ns must occur before digital lock detect is set. When
this bit is programmed to 1, five consecutive reference cycles of
15 ns must occur before digital lock detect is set.
Phase Detector Polarity
DB6 in the ADF4153 sets the phase detector polarity. When the
VCO characteristics are positive, this should be set to 1. When
they are negative, it should be set to 0.
Charge Pump Current Setting
DB7, DB8, and DB9 set the charge pump current setting. This
should be set to the charge pump current that the loop filter is
designed with (see Table 9).
REFIN Doubler
Setting this bit to 0 feeds the REFIN signal directly to the 4-bit
RF R counter, disabling the doubler. Setting this bit to 1
multiplies the REFIN frequency by a factor of 2 before feeding
into the 4-bit R counter. When the doubler is disabled, the REFIN
falling edge is the active edge at the PFD input to the fractional
synthesizer. When the doubler is enabled, both the rising and
falling edges of REFIN become active edges at the PFD input.
When the doubler is enabled and the lowest spur mode is
chosen, the in-band phase noise performance is sensitive to the
REFIN duty cycle. The phase noise degradation can be as much
as 5 dB for the REFIN duty cycles outside a 45% to 55% range.
The phase noise is insensitive to the REFIN duty cycle in the
lowest noise mode and in the lowest noise and spur mode. The
phase noise is insensitive to REFIN duty cycle when the doubler
is disabled.
NOISE AND SPUR REGISTER, R3
With R3[1, 0] set to 1, 1, the on-chip noise and spur register is
programmed. Table 10 shows the input data format for
programming this register.
Noise and Spur Mode
Noise and spur mode allows the user to optimize a design either
for improved spurious performance or for improved phase
noise performance. When the lowest spur setting is chosen,
dither is enabled. This randomizes the fractional quantization
noise so that it looks more like white noise rather than spurious
noise. This means that the part is optimized for improved
spurious performance. This operation would normally be used
when the PLL closed-loop bandwidth is wide, for fast-locking
applications. (Wide-loop bandwidth is seen as a loop bandwidth
greater than 1/10 of the RFOUT channel step resolution (fRES)). A
wide-loop filter does not attenuate the spurs to a level that a
narrow-loop bandwidth would. When the low noise and spur
setting is enabled, dither is disabled. This optimizes the
synthesizer to operate with improved noise performance.
However, the spurious performance is degraded in this mode
compared to the lowest spurs setting. To further improve noise
performance, the lowest noise setting option can be used, which
reduces the phase noise. As well as disabling the dither, it also
ensures that the charge pump is operating in an optimum
region for noise performance. This setting is extremely useful
where a narrow-loop filter bandwidth is available. The
synthesizer ensures extremely low noise and the filter attenuates
the spurs. The typical performance characteristics give the user
an idea of the trade-off in a typical WCDMA setup for the
different noise and spur settings.
RESERVED BITS
These bits should be set to 0 for normal operation.
RF SYNTHESIZER: A WORKED EXAMPLE
This equation governs how the synthesizer should be
programmed.
(
)
[
] []
PFD
OUT
F
MOD
FRAC
INT
RF
×
+
=
(3)
where:
RFOUT is the RF frequency output.
INT is the integer division factor.
FRAC is the fractionality.
MOD is the modulus.
(
)
[
]R
D
REF
F
IN
PFD
+
×
=
1
(4)
where:
REFIN is the reference frequency input.
D is the RF REFIN doubler bit.
R is the RF reference division factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com