Electronic Components Datasheet Search
  English  ▼

X  

ADF4153 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4153
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4153 Datasheet HTML 5Page - Analog Devices ADF4153 Datasheet HTML 6Page - Analog Devices ADF4153 Datasheet HTML 7Page - Analog Devices ADF4153 Datasheet HTML 8Page - Analog Devices ADF4153 Datasheet HTML 9Page - Analog Devices ADF4153 Datasheet HTML 10Page - Analog Devices ADF4153 Datasheet HTML 11Page - Analog Devices ADF4153 Datasheet HTML 12Page - Analog Devices ADF4153 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADF4153
Rev. A | Page 9 of 24
PHASE DETECTOR FREQUENCY (kHz)
–130
–140
–150
–160
–170
100
1000
10000
100000
Figure 11. PFD Noise Floor vs. PFD Frequency (Lowest Noise Mode)
FREQUENCY (GHz)
5
0
–5
–10
–20
–15
–25
–30
–35
0
0.5
1.0
1.5
4.0
3.5
3.0
2.5
2.0
4.5
P = 4/5
P = 8/9
Figure 12. RF Input Sensitivity
VCP(V)
6
0
–6
4
2
–2
–4
–5
–3
–1
1
3
5
012
345
Figure 13. Charge Pump Output Characteristics
RSET VALUE (kΩ)
–80
–85
–110
035
30
25
20
15
10
5
–90
–95
–105
–100
Figure 14. Phase Noise vs. RSET
TEMPERATURE(°C)
–90
–94
–104
–60
100
–40
–20
0
20
40
60
–96
–98
–92
–102
–100
80
Figure 15. Phase Noise vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com