Electronic Components Datasheet Search
  English  ▼

X  

ADF4153 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4153
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4153 Datasheet HTML 7Page - Analog Devices ADF4153 Datasheet HTML 8Page - Analog Devices ADF4153 Datasheet HTML 9Page - Analog Devices ADF4153 Datasheet HTML 10Page - Analog Devices ADF4153 Datasheet HTML 11Page - Analog Devices ADF4153 Datasheet HTML 12Page - Analog Devices ADF4153 Datasheet HTML 13Page - Analog Devices ADF4153 Datasheet HTML 14Page - Analog Devices ADF4153 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADF4153
Rev. A | Page 11 of 24
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 19 is a simplified schematic.
The PFD includes a fixed delay element that sets the width of
the antibacklash pulse, which is typically 3 ns. This pulse
ensures that there is no dead zone in the PFD transfer function,
and gives a consistent reference spur level.
U3
CLR2
Q2
D2
U2
DOWN
UP
HI
HI
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 19. PFD Simplified Schematic
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4153 allows the user to
access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 (see Table 8).
Figure 20 shows the MUXOUT section in block diagram form.
The N-channel open-drain analog lock detect should be
operated with an external pull-up resistor of 10 kΩ nominal.
When lock has been detected, it is high with narrow low-going
pulses.
DIGITAL LOCK DETECT
R COUNTER OUTPUT
LOGIC LOW
DGND
CONTROL
MUX
MUXOUT
DVDD
THREE-STATE OUTPUT
N COUNTER OUTPUT
ANALOG LOCK DETECT
LOGIC HIGH
Figure 20. MUXOUT Schematic
INPUT SHIFT REGISTERS
The ADF4153 digital section includes a 4-bit RF R counter, a 9-
bit RF N counter, a 12-bit FRAC counter, and a 12-bit modulus
counter. Data is clocked into the 24-bit shift register on each
rising edge of CLK. The data is clocked in MSB first. Data is
transferred from the shift register to one of four latches on the
rising edge of LE. The destination latch is determined by the
state of the two control bits (C2 and C1) in the shift register.
These are the 2 LSBs, DB1 and DB0, as shown in Figure 2. The
truth table for these bits is shown in Table 5. Table 6 shows a
summary of how the latches are programmed.
PROGRAM MODES
Table 5 through Table 10 show how to set up the program
modes in the ADF4153.
The ADF4153 programmable modulus is double buffered. This
means that two events have to occur before the part uses a new
modulus value. First, the new modulus value is latched into the
device by writing to the R divider register. Second, a new write
must be performed on the N divider register. Therefore, any
time that the modulus value has been updated, the N divider
register must be written to after this, to ensure that the modulus
value is loaded correctly.
Table 5. C2 and C1 Truth Table
Control Bits
C2
C1
Register
0
0
N Divider Register
0
1
R Divider Register
1
0
Control Register
1
1
Noise and Spur Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com