Electronic Components Datasheet Search
  English  ▼

X  

TMDS00510WS Datasheet(PDF) 22 Page - Texas Instruments

Part # TMDS00510WS
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS00510WS Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMDS00510WS Datasheet HTML 18Page - Texas Instruments TMDS00510WS Datasheet HTML 19Page - Texas Instruments TMDS00510WS Datasheet HTML 20Page - Texas Instruments TMDS00510WS Datasheet HTML 21Page - Texas Instruments TMDS00510WS Datasheet HTML 22Page - Texas Instruments TMDS00510WS Datasheet HTML 23Page - Texas Instruments TMDS00510WS Datasheet HTML 24Page - Texas Instruments TMDS00510WS Datasheet HTML 25Page - Texas Instruments TMDS00510WS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
SMJ320C6701-SP
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
www.ti.com
Device and Development-Support Tool Nomenclature
To designate the stages in the product-development cycle, TI assigns prefixes to the part numbers of all SMJ320
devices and support tools. Each SMJ320 member has one of three prefixes: SMX, SM, or SMJ. Texas
Instruments recommends two of three possible prefix designators for support tools: TMDX and TMDS. These
prefixes represent evolutionary stages of product development from engineering prototypes (SMX/TMDX)
through fully qualified production devices/tools (SMJ/TMDS).
Device development evolutionary flow:
SMX
Experimental device that is not necessarily representative of the final device’s electrical
specifications
SM
Final silicon die that conforms to the device’s electrical specifications but has not completed
quality and reliability verification
SMJ
Fully qualified production device processed to MIL-PRF-38535
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing.
TMDS
Fully qualified development-support product
SMX devices and TMDX development-support tools are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes."
SMJ devices and TMDS development-support tools have been characterized fully, and the quality and reliability
of the device have been demonstrated fully. TI’s standard warranty applies.
Predictions show that prototype devices (SMX or SM) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, GLP), the temperature range, and the device speed range in megahertz (for example, 14 is 140
MHz). Figure 4 provides a legend for reading the complete device name for any SMJ320 family member.
22
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: SMJ320C6701-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com