Electronic Components Datasheet Search
  English  ▼

X  

TMDS00510WS Datasheet(PDF) 12 Page - Texas Instruments

Part # TMDS00510WS
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS00510WS Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS00510WS Datasheet HTML 8Page - Texas Instruments TMDS00510WS Datasheet HTML 9Page - Texas Instruments TMDS00510WS Datasheet HTML 10Page - Texas Instruments TMDS00510WS Datasheet HTML 11Page - Texas Instruments TMDS00510WS Datasheet HTML 12Page - Texas Instruments TMDS00510WS Datasheet HTML 13Page - Texas Instruments TMDS00510WS Datasheet HTML 14Page - Texas Instruments TMDS00510WS Datasheet HTML 15Page - Texas Instruments TMDS00510WS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
SMJ320C6701-SP
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
www.ti.com
Signal Descriptions (continued)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
EMIF - SYNCHRONOUS BURST SRAM CONTROL
SSADS
V8
O/Z
SBSRAM address strobe
SSOE
W7
O/Z
SBSRAM output enable
SSWE
Y7
O/Z
SBSRAM write enable
SSCLK
AA8
O/Z
SBSRAM clock
EMIF - SYNCHRONOUS DRAM CONTROL
SDA10
V7
O/Z
SDRAM address 10 (separate for deactivate command)
SDRAS
V6
O/Z
SDRAM row address strobe
SDCAS
W5
O/Z
SDRAM column address strobe
SDWE
T8
O/Z
SDRAM write enable
SDCLK
T9
O/Z
SDRAM clock
EMIF - BUS ARBITRATION
HOLD
R6
I
Hold request from the host
HOLDA
B15
O
Hold request acknowledge to the host
TIMERS
TOUT1
G2
O/Z
Timer 1 or general-purpose output
TINP1
K3
I
Timer 1 or general-purpose input
TOUT0
M18
O/Z
Timer 0 or general-purpose output
TINP0
J18
I
Timer 0 or general-purpose input
DMA ACTION COMPLETE
DMAC3
E18
DMAC2
F19
O
DMA action complete
DMAC1
E20
DMAC0
G16
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
CLKS1
F4
I
External clock source (as opposed to internal)
CLKR1
H4
I/O/Z
Receive clock
CLKX1
J4
I/O/Z
Transmit clock
DR1
E2
I
Receive data
DX1
G4
O/Z
Transmit data
FSR1
F3
I/O/Z
Receive frame sync
FSX1
F2
I/O/Z
Transmit frame sync
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: SMJ320C6701-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com