Electronic Components Datasheet Search
  English  ▼

X  

TMDS00510WS Datasheet(PDF) 34 Page - Texas Instruments

Part # TMDS00510WS
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS00510WS Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMDS00510WS Datasheet HTML 30Page - Texas Instruments TMDS00510WS Datasheet HTML 31Page - Texas Instruments TMDS00510WS Datasheet HTML 32Page - Texas Instruments TMDS00510WS Datasheet HTML 33Page - Texas Instruments TMDS00510WS Datasheet HTML 34Page - Texas Instruments TMDS00510WS Datasheet HTML 35Page - Texas Instruments TMDS00510WS Datasheet HTML 36Page - Texas Instruments TMDS00510WS Datasheet HTML 37Page - Texas Instruments TMDS00510WS Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
BE1
BE2
BE3
BE4
A1
A2
A3
A4
Q1
Q2
Q3
Q4
12
11
10
9
8
7
6
5
4
3
2
1
SSCLK
CEx
BE[3:0]
EA[21:2]
ED[31:0]
SSADS
SSOE
SSWE
SMJ320C6701-SP
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
www.ti.com
SYNCHRONOUS-BURST MEMORY TIMING
Timing Requirements for Synchronous-Burst SRAM Cycles (Full-Rate SSCLK)
(see Figure 14)
NO.
MIN
MAX
UNIT
7
tsu(EDV–SSCLKH)
Setup time, read EDx valid before SSCLK high
2.6
ns
8
th(SSCLKH–EDV)
Hold time, read EDx valid after SSCLK high
1.5
ns
Switching Characteristics for Synchronous-burst SRAM Cycles
(1) (Full-Rate SSCLK)
(see Figure 14 and Figure 15)
NO.
PARAMETER
MIN
MAX
UNIT
1
tosu(CEV–SSCLKH)
Output setup time, CEx valid before SSCLK high
0.5P – 1.5
ns
2
toh(SSCLKH–CEV)
Output hold time, CEx valid after SSCLK high
0.5P – 2.5
ns
3
tosu(BEV–SSCLKH)
Output setup time, BEx valid before SSCLK high
0.5P – 1.6
ns
4
toh(SSCLKH–BEIV)
Output hold time, BEx invalid after SSCLK high
0.5P – 2.5
ns
5
tosu(EAV–SSCLKH)
Output setup time, EAx valid before SSCLK high
0.5P – 1.7
ns
6
toh(SSCLKH–EAIV)
Output hold time, EAx invalid after SSCLK high
0.5P – 2.5
ns
9
tosu(ADSV–SSCLKH)
Output setup time, SSADS valid before SSCLK high
0.5P – 1.5
ns
10
toh(SSCLKH–ADSV)
Output hold time, SSADS valid after SSCLK high
0.5P – 2.5
ns
11
tosu(OEV–SSCLKH)
Output setup time, SSOE valid before SSCLK high
0.5P – 1.5
ns
12
toh(SSCLKH–OEV)
Output hold time, SSOE valid after SSCLK high
0.5P – 2.5
ns
13
tosu(EDV–SSCLKH)
Output setup time, EDx valid before SSCLK high
0.5P – 1.5
ns
14
toh(SSCLKH–EDIV)
Output hold time, EDx invalid after SSCLK high
0.5P – 2.5
ns
15
tosu(WEV–SSCLKH)
Output setup time, SSWE valid before SSCLK high
0.5P – 1.5
ns
16
toh(SSCLKH–WEV)
Output hold time, SSWE valid after SSCLK high
0.5P – 2.5
ns
(1)
The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter. When the PLL is
used (CLKMODE x4), P = 1/CPU clock frequency in ns. For example, when running parts at 140 MHz, use P = 7 ns. For CLKMODE x1,
0.5P is defined as PH (pulse duration of CLKIN high) for all output setup times; 0.5P is defined as PL (pulse duration of CLKIN low) for
all output hold times.
Figure 14. SBSRAM Read Timing (Full-Rate SSCLK)
34
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: SMJ320C6701-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com