Electronic Components Datasheet Search
  English  ▼

X  

TMDS00510WS Datasheet(PDF) 31 Page - Texas Instruments

Part # TMDS00510WS
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS00510WS Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMDS00510WS Datasheet HTML 27Page - Texas Instruments TMDS00510WS Datasheet HTML 28Page - Texas Instruments TMDS00510WS Datasheet HTML 29Page - Texas Instruments TMDS00510WS Datasheet HTML 30Page - Texas Instruments TMDS00510WS Datasheet HTML 31Page - Texas Instruments TMDS00510WS Datasheet HTML 32Page - Texas Instruments TMDS00510WS Datasheet HTML 33Page - Texas Instruments TMDS00510WS Datasheet HTML 34Page - Texas Instruments TMDS00510WS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
4
3
2
1
CLKOUT1
SSCLK
SSCLK (1/2rate)
CLKOUT2
SDCLK
CLKOUT2
1
2
3
4
4
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Switching Characteristics for CLKOUT2
(1)
(see Figure 10)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(CKO2)
Cycle time, CLKOUT2
2P – 0.7(2) 2P + 0.7(2)
ns
2
tw(CKO2H)
Pulse duration, CLKOUT2 high
P – 0.7(2)
P + 0.7(2)
ns
3
tw(CKO2L)
Pulse duration, CLKOUT2 low
P – 0.7(2)
P + 0.7(2)
ns
4
tt(CKO2)
Transition time, CLKOUT2
0.6(2)
ns
(1)
P = 1/CPU clock frequency in ns.
(2)
This parameter is not tested.
Figure 10. CLKOUT2 Timing
SDCLK, SSCLK Timing Parameter
SDCLK timing parameters are the same as CLKOUT2 parameters.
SSCLK timing parameters are the same as CLKOUT1 or CLKOUT2 parameters, depending on SSCLK
configuration.
Switching Characteristics for the Relation of SSCLK, SDCLK, and CLKOUT2 to CLKOUT1
(see Figure 11)
NO.
PARAMETER
MIN
MAX
UNIT
1
td(CKO1–SSCLK)
Delay time, CLKOUT1 edge to SSCLK edge
–0.8
3.4
ns
2
td(CKO1–SSCLK1/2)
Delay time, CLKOUT1 edge to SSCLK edge (1/2 clock rate)
–1
3
ns
3
td(CKO1–CKO2)
Delay time, CLKOUT1 edge to CLKOUT2 edge
–1.5
2.5
ns
4
td(CKO1–SDCLK)
Delay time, CLKOUT1 edge to SDCLK edge
–1.5
1.9
ns
Figure 11. Relation of CLKOUT2, SDCLK, and SSCLK to CLKOUT1
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: SMJ320C6701-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com