Electronic Components Datasheet Search
  English  ▼

X  

WM8595 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
43
DAC1 AND DAC2 AUDIO INTERFACE CLOCK CONFIGURATION
Both DACs on the WM8595 have independent audio interfaces which can be configured to select the
required signals from any of the digital audio ports. The audio interfaces are not restricted to take
each signal from the same digital audio ports, although the BCLK and LRCLK signals are selected
together.
DAC1MCLK and DAC2MCLK are always inputs to the DAC1 and DAC2 audio interfaces and are
selected using DAC1MCLK_SEL[2:0] and DAC2MCLK_SEL[2:0] respectively.
DAC1BCLK and DAC1LRCLK are always selected together and can are inputs to the DAC1 audio
interface. DAC2BCLK and DAC2LRCLK are always selected together and are inputs to the DAC2
audio interface. DAC1BCLK and DAC1LRCLK are selected using DAC1WORDCLK_SEL[2:0], while
DAC2BCLK and DAC2LRCLK are selected using DAC2WORDCLK_SEL[2:0].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42
AIF_MUX3
2Ah
3:1
DAC1
MCLK_
SEL[2:0]
000
DAC1 MCLK Select
000 = Use MCLK1
001 = Use MCLK2
010 to 111 = Reserved
R43
AIF_MUX4
2Bh
DAC2
MCLK_
SEL[2:0]
001
DAC2 MCLK Select
000 = Use MCLK1
001 = Use MCLK2
010 to 111 = Reserved
R42
AIF_MUX3
2Ah
6:4
DAC1
WORD
CLK_
SEL[2:0]
000
DAC1 BCLK and DAC LRCLK Select
000 = Use BCLK1 and LRCLK1
001 = Use BCLK2 and LRCLK2
010 to 110 = Reserved
111 = Use ADCBCLK and ADCBCLK (when
ADC is master mode)
R43
AIF_MUX4
2Bh
DAC2
WORD
CLK_
SEL[2:0]
001
DAC2 BCLK and DAC LRCLK Select
000 = Use BCLK1 and LRCLK1
001 = Use BCLK2 and LRCLK2
010 to 110 = Reserved
111 = Use ADCBCLK and ADCBCLK (when
ADC is master mode)
R42
AIF_MUX3
2Ah
9:7
DAC1
DIN_
SEL[2:0]
000
DAC1 DIN Select
000 = Use DACDAT1
001 = Use DACDAT2
010 to 100 = Reserved
101 = Use GPIO1
110 = Use GPIO2
111 = Reserved
R43
AIF_MUX4
2Bh
9:7
DAC2
DIN_
SEL[2:0]
001
DAC2 DIN Select
000 = Use DACDAT1
001 = Use DACDAT2
010 to 100 = Reserved
101 = Use GPIO1
110 = Use GPIO2
111 = Reserved
Table 35 DAC1 and DAC2 Audio Interface Clock Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com