Electronic Components Datasheet Search
  English  ▼

X  

WM8595 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8595 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
MCLK1
Digital Input/Output
Audio interface port 1 master clock input/output
2
LRCLK1
Digital Input/Output
Audio interface port 1 left/right clock input/output
3
N/C
No internal connection
4
BCLK1
Digital Input/Output
Audio interface port 1 bit clock input/output
5
DACDAT1
Digital Input
Audio interface port 1 data input for DAC1
6
MCLK2
Digital Input/Output
Audio interface port 2 master clock input/output
7
LRCLK2
Digital Input/Output
Audio interface port 2 left/right clock input/output
8
BCLK2
Digital Input/Output
Audio interface port 2 bit clock input/output
9
DACDAT2
Digital Input
Audio interface port 2 data input for DAC2
10
ADCDAT
Digital Output
Audio interface port 3 data output for ADC
11
DVDD
Supply
Digital supply
12
DGND
Supply
Digital ground
13
GPIO1
Digital Input/Output
General purpose input/output 1
14
GPIO2
Digital Input/Output
General purpose input/output 2
15
SHUTDOWN
¯¯¯¯¯¯¯¯¯¯¯
Digital Input
Emergency shutdown
16
MUTE
Digital Input
Hardware DAC mute
17
RESET
¯¯¯¯¯¯
Digital Input
Hardware reset
18
AVDD2
Supply
Analogue 9V supply
19
AGND2
Supply
Analogue 9V ground
20
LINEOUT2R
Analogue Output
Output channel 2 right
21
LINEOUT2L
Analogue Output
Output channel 2 left
22
LINEOUT1R
Analogue Output
Output channel 1 right
23
LINEOUT1L
Analogue Output
Output channel 1 left
24
IN1L
Analogue Input
Input channel 1 left
25
IN1R
Analogue Input
Input channel 1 right
26
IN2L
Analogue Input
Input channel 2 left
27
IN2R
Analogue Input
Input channel 2 right
28
IN3L
Analogue Input
Input channel 3 left
29
IN3R
Analogue Input
Input channel 3 right
30
IN4L
Analogue Input
Input channel 4 left
31
IN4R
Analogue Input
Input channel 4 right
32
IN5L
Analogue Input
Input channel 5 left
33
IN5R
Analogue Input
Input channel 5 right
34
IN6L
Analogue Input
Input channel 6 left
35
IN6R
Analogue Input
Input channel 6 right
36
VREF1C
Analogue Output
Positive reference for ADC
37
VMID1C
Analogue Output
Midrail divider decoupling pin for ADC
38
VREF1GND
Analogue Input
Ground reference for ADC
39
VREF2VDD
Analogue Input
Positive reference for DACs
40
VMID2C
Analogue Output
Midrail divider decoupling pin for DACs
41
VREF2GND
Analogue Input
Ground reference for DACs
42
AVDD1
Supply
Analogue 3.3V supply
43
AGND1
Supply
Analogue 3.3V ground
44
CIFMODE
Digital Input
2-wire/3-wire mode select
45
SDOUT
Digital Output
Serial Data output for 3-wire readback
46
CS
¯ ¯
Digital Input
3-wire serial control interface latch
47
SCLK
Digital Input
Software mode: serial control interface clock signal
48
SDA
Digital Input
Software mode: bi-directional serial control interface data signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com