Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 108 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 108 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 104Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 105Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 106Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 107Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 108Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 109Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 110Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 111Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 112Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 295 page
background image
WM8962
108
Rev 4.3
DACL_VOL or
DACR_VOL
Volume (dB)
DACL_VOL or
DACR_VOL
Volume (dB)
DACL_VOL or
DACR_VOL
Volume (dB)
DACL_VOL or
DACR_VOL
Volume (dB)
00
MUTE
40
-48.000
80
-24.000
C0
0.000
01
-71.625
41
-47.625
81
-23.625
C1
0.375
02
-71.250
42
-47.250
82
-23.250
C2
0.750
03
-70.875
43
-46.875
83
-22.875
C3
1.125
04
-70.500
44
-46.500
84
-22.500
C4
1.500
05
-70.125
45
-46.125
85
-22.125
C5
1.875
06
-69.750
46
-45.750
86
-21.750
C6
2.250
07
-69.375
47
-45.375
87
-21.375
C7
2.625
08
-69.000
48
-45.000
88
-21.000
C8
3.000
09
-68.625
49
-44.625
89
-20.625
C9
3.375
0A
-68.250
4A
-44.250
8A
-20.250
CA
3.750
0B
-67.875
4B
-43.875
8B
-19.875
CB
4.125
0C
-67.500
4C
-43.500
8C
-19.500
CC
4.500
0D
-67.125
4D
-43.125
8D
-19.125
CD
4.875
0E
-66.750
4E
-42.750
8E
-18.750
CE
5.250
0F
-66.375
4F
-42.375
8F
-18.375
CF
5.625
10
-66.000
50
-42.000
90
-18.000
D0
6.000
11
-65.625
51
-41.625
91
-17.625
D1
6.375
12
-65.250
52
-41.250
92
-17.250
D2
6.750
13
-64.875
53
-40.875
93
-16.875
D3
7.125
14
-64.500
54
-40.500
94
-16.500
D4
7.500
15
-64.125
55
-40.125
95
-16.125
D5
7.875
16
-63.750
56
-39.750
96
-15.750
D6
8.250
17
-63.375
57
-39.375
97
-15.375
D7
8.625
18
-63.000
58
-39.000
98
-15.000
D8
9.000
19
-62.625
59
-38.625
99
-14.625
D9
9.375
1A
-62.250
5A
-38.250
9A
-14.250
DA
9.750
1B
-61.875
5B
-37.875
9B
-13.875
DB
10.125
1C
-61.500
5C
-37.500
9C
-13.500
DC
10.500
1D
-61.125
5D
-37.125
9D
-13.125
DD
10.875
1E
-60.750
5E
-36.750
9E
-12.750
DE
11.250
1F
-60.375
5F
-36.375
9F
-12.375
DF
11.625
20
-60.000
60
-36.000
A0
-12.000
E0
12.000
21
-59.625
61
-35.625
A1
-11.625
E1
12.375
22
-59.250
62
-35.250
A2
-11.250
E2
12.750
23
-58.875
63
-34.875
A3
-10.875
E3
13.125
24
-58.500
64
-34.500
A4
-10.500
E4
13.500
25
-58.125
65
-34.125
A5
-10.125
E5
13.875
26
-57.750
66
-33.750
A6
-9.750
E6
14.250
27
-57.375
67
-33.375
A7
-9.375
E7
14.625
28
-57.000
68
-33.000
A8
-9.000
E8
15.000
29
-56.625
69
-32.625
A9
-8.625
E9
15.375
2A
-56.250
6A
-32.250
AA
-8.250
EA
15.750
2B
-55.875
6B
-31.875
AB
-7.875
EB
16.125
2C
-55.500
6C
-31.500
AC
-7.500
EC
16.500
2D
-55.125
6D
-31.125
AD
-7.125
ED
16.875
2E
-54.750
6E
-30.750
AE
-6.750
EE
17.250
2F
-54.375
6F
-30.375
AF
-6.375
EF
17.625
30
-54.000
70
-30.000
B0
-6.000
F0
18.000
31
-53.625
71
-29.625
B1
-5.625
F1
18.375
32
-53.250
72
-29.250
B2
-5.250
F2
18.750
33
-52.875
73
-28.875
B3
-4.875
F3
19.125
34
-52.500
74
-28.500
B4
-4.500
F4
19.500
35
-52.125
75
-28.125
B5
-4.125
F5
19.875
36
-51.750
76
-27.750
B6
-3.750
F6
20.250
37
-51.375
77
-27.375
B7
-3.375
F7
20.625
38
-51.000
78
-27.000
B8
-3.000
F8
21.000
39
-50.625
79
-26.625
B9
-2.625
F9
21.375
3A
-50.250
7A
-26.250
BA
-2.250
FA
21.750
3B
-49.875
7B
-25.875
BB
-1.875
FB
22.125
3C
-49.500
7C
-25.500
BC
-1.500
FC
22.500
3D
-49.125
7D
-25.125
BD
-1.125
FD
22.875
3E
-48.750
7E
-24.750
BE
-0.750
FE
23.250
3F
-48.375
7F
-24.375
BF
-0.375
FF
23.625
Table 62 DAC Digital Volume Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com