Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 111 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 111 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 107Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 108Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 109Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 110Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 111Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 112Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 113Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 114Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 115Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 295 page
background image
WM8962
Rev 4.3
111
DAC AUTO-MUTE
The DAC digital mute and volume controls are described earlier in Table 61 and Table 63.
The
DAC
also
incorporates
a
digital
auto-mute
monitor,
which
is
enabled
by
setting
DAC_AUTOMUTE. When the auto-mute is enabled, and a number (DAC_AUTOMUTE_SAMPLES) of
consecutive zero-samples is detected, the AUTOMUTE_STS flag is asserted.
The WM8962 supports the option to automatically power-down the speaker path when the DAC Auto-
Mute is triggered, and to re-enable the speaker path when audio data is detected. This feature has
been designed to work around the Write Sequencer, which mutes and unmutes the speakers in a
controlled manner using the Speaker Sleep (see Table 129) and Speaker Wake (see Table 130) write
sequences. Auto-mute is enabled by setting the WSEQ_AUTOSEQ_ENA bit in Register R87. See
Table 64 for details of this and other Auto-mute register bits.
The status of DAC Auto-Mute can be read back from the AUTOMUTE_STS bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Audio
Interface 0
11
AUTOMUTE_STS
0
Readback of the DAC Automute
status
0 = Automute not detected
1 = Automute detected
9:8
DAC_AUTOMUT
E_SAMPLES [1:0]
11
Selects the number of consecutive
zero DAC samples that will be
interpreted as an Automute.
00 = 128 samples
01 = 256 samples
10 = 512 samples
11 = 1024 samples
7
DAC_AUTOMUT
E
0
DAC Auto-Mute Control
0 = Disabled
1 = Enabled
R87 (57h)
Write
Sequencer
Control 1
7
WSEQ_AUTOSE
Q_ENA
0
Write Sequencer Auto-Sequence
Enable (controls the Class D driver
via DAC Auto-Mute function)
0 = Disabled
1 = Enabled
Table 64 DAC Auto Mute
DAC MONO MIX
A DAC digital mono-mix mode can be enabled using the DAC_MONOMIX register bit. This mono mix
will be output on whichever DAC is enabled. To prevent clipping, a -6dB attenuation is automatically
applied to the mono mix.
The mono mix is only supported when one or other DAC is disabled. When the mono mix is selected,
then the mono mix is output on the enabled DAC only; there is no output from the disabled DAC. If
DACL_ENA and DACR_ENA are both set, then stereo operation applies.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57(39h)
DAC DSP Mixing
(1)
9
DAC_MONOMIX
0
DAC Mono Mix
0 = Stereo
1 = Mono (Mono mix output on
enabled DAC)
Mono Mix is only supported
when one or other DAC is
disabled.
When Mono mix is enabled,
6dB attenuation is applied.
Table 65 DAC Mono Mix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com