Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 110 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 110 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 106Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 107Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 108Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 109Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 110Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 111Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 112Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 113Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 114Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 295 page
background image
WM8962
110
Rev 4.3
The volume ramp rate during soft mute and un-mute is controlled by the DAC_MUTERATE bit as
shown in Table 63.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC & DAC
Control 1
4
DAC_MUTE_RAMP
1
DAC Soft Mute Control
0 = Muting the DAC
(DAC_MUTE = 1) will cause the
volume to change immediately to
mute.
1 = Muting the DAC
(DAC_MUTE = 1) will cause the
volume to ramp down gradually
to mute.
3
DAC_MUTE
1
Digital DAC Mute
0 = Un-mute
1 = Mute
Note that this bit also exists in
R49. Reading or writing to either
location has the same effect.
R49 (31h)
4
DAC_MUTE
1
Digital DAC Mute
0 = Un-mute
1 = Mute
Note that this bit also exists in
R5. Reading or writing to either
location has the same effect.
R6 (06h)
ADC & DAC
Control 2
3
DAC_UNMUTE_RAMP
1
DAC Soft Unmute Control
0 = Unmuting the DAC
(DAC_MUTE = 0) will cause the
volume to change immediately to
the DACL_VOL/DACR_VOL
settings.
1 = Unmuting the DAC
(DAC_MUTE = 0) will cause the
volume to ramp up gradually to
the DACL_VOL/DACR_VOL
settings.
2
DAC_MUTERATE
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (maximum ramp
time 10.7ms)
1 = Slow ramp (maximum ramp
time 171ms).
Note that the ramp rate scales
with sample rate (fs). Quoted
values are correct for fs =
48kHz.
Table 63 DAC Soft-Mute Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com