Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 125 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 125 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 121Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 122Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 123Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 124Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 125Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 126Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 127Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 128Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 129Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 295 page
background image
WM8962
Rev 4.3
125
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R69 (45h)
Analogue
HP 0
7
HP1L_RMV_SHO
RT
0
Removes HP1L short
0 = HP1L short enabled
1 = HP1L short removed
For pop-free operation, this bit should
be set to 1 as the final step in the
HP1L Enable sequence.
6
HP1L_ENA_OUT
P
0
Enables HP1L output stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set to 1 after the DC offset
cancellation has been performed.
5
HP1L_ENA_DLY
0
Enables HP1L intermediate stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set to 1 after the output signal path
has been configured, and before the
DC Offset cancellation is scheduled
This bit should be set with at least
20us delay after HP1L_ENA.
4
HP1L_ENA
0
Enables HP1L input stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set as the first stage of the HP1L
Enable sequence.
3
HP1R_RMV_SHO
RT
0
Removes HP1R short
0 = HP1R short enabled
1 = HP1R short removed
For pop-free operation, this bit should
be set to 1 as the final step in the
HP1R Enable sequence.
2
HP1R_ENA_OUT
P
0
Enables HP1R output stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set to 1 after the DC offset
cancellation has been performed.
1
HP1R_ENA_DLY
0
Enables HP1R intermediate stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set to 1 after the output signal path
has been configured, and before the
DC Offset cancellation is scheduled
This bit should be set with at least
20us delay after HP1R_ENA.
0
HP1R_ENA
0
Enables HP1R input stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set as the first stage of the HP1R
Enable sequence.
Table 77 Headphone Output Signal Paths Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com