Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 117Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 118Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 119Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 120Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 121Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 122Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 123Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 124Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 295 page
background image
WM8962
Rev 4.3
121
HPOUTL_VOL [6:0],
HPOUTR_VOL [6:0],
SPKOUTL_VOL [6:0]
or
SPKOUTR_VOL [6:0]
VOLUME (dB)
HPOUTL_VOL [6:0],
HPOUTR_VOL [6:0],
SPKOUTL_VOL [6:0]
or
SPKOUTR_VOL [6:0]
VOLUME (dB)
000_0000 to 010_1111
Mute
101_1010
-31
011_0000 to 011_0101
-68
101_1011
-30
011_0110
-67
101_1100
-29
011_0111
-66
101_1101
-28
011_1000
-65
101_1110
-27
011_1001
-64
101_1111
-26
011_1010
-63
110_0000
-25
011_1011
-62
110_0001
-24
011_1100
-61
110_0010
-23
011_1101
-60
110_0011
-22
011_1110
-59
110_0100
-21
011_1111
-58
110_0101
-20
100_0000
-57
110_0110
-19
100_0001
-56
110_0111
-18
100_0010
-55
110_1000
-17
100_0011
-54
110_1001
-16
100_0100
-53
110_1010
-15
100_0101
-52
110_1011
-14
100_0110
-51
110_1100
-13
100_0111
-50
110_1101
-12
100_1000
-49
110_1110
-11
100_1001
-48
110_1111
-10
100_1010
-47
111_0000
-9
100_1011
-46
111_0001
-8
100_1100
-45
111_0010
-7
100_1101
-44
111_0011
-6
100_1110
-43
111_0100
-5
100_1111
-42
111_0101
-4
101_0000
-41
111_0110
-3
101_0001
-40
111_0111
-2
101_0010
-39
111_1000
-1
101_0011
-38
111_1001
0
101_0100
-37
111_1010
+1
101_0101
-36
111_1011
+2
101_0110
-35
111_1100
+3
101_0111
-34
111_1101
+4
101_1000
-33
111_1110
+5
101_1001
-32
111_1111
+6
Table 73 Headphone PGA and Speaker PGA Volume Range
SPEAKER OUTPUT CONFIGURATIONS
The speaker outputs SPKOUT are driven by the two speaker PGAs SPKOUTL and SPKOUTR. Fine
volume control is available on the speaker paths using the SPKOUTL_VOL and SPKOUTR_VOL
PGAs. A volume boost function (CLASSD_VOL) is available on both the speaker paths.
The speaker outputs SPKOUTL and SPKOUTR operate in a BTL configuration in Class D amplifier
mode. The speaker outputs are capable of supporting up to 1W per channel into stereo 8
 BTL loads,
or 2W into a mono 4
 BTL load.
The connections for stereo and mono speaker configurations are shown in Figure 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com