Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 119 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 119 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 115Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 116Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 117Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 118Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 119Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 120Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 121Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 122Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 123Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 295 page
background image
WM8962
Rev 4.3
119
SPEAKER OUTPUT PGA CONTROL
There are four speaker output PGAs
– two primary (SPKOUTL and SPKOUTR), and two secondary
(SPKL, SPKR). The speaker outputs are each controlled by a primary PGA and a secondary PGA in
series.
The SPKOUTL and SPKOUTR PGAs give a high degree of control from -68dB to +6dB in 1dB steps.
A detailed table of all SPKOUTL and SPKOUTR gain settings is shown in Table 73. Dedicated
secondary PGAs are provided for each of the SPKOUT output pins. The secondary PGAs provide
control from 0dB to +9dB in 1.5dB steps, and +12dB, on each channel. See Figure 33 for a
representation of this layout.
The direct signal paths from the IN4L and IN4R input pins to the speaker mixers SPKMIXL and
SPKMIXR are enabled using the IN4L_TO_SPKMIXL, IN4L_TO_SPKMIXR, IN4R_TO_SPKMIXL, and
IN4R_TO_SPKMIXR register bits. Each input signal path from IN4 also has an associated PGA with a
gain range from -15dB to +6dB.
To minimise pop and zipper noise, it is recommended that only SPKOUTL PGA and SPKOUTR PGA
are modified while the output signal path is active as these are the only Speaker PGAs with Zero
Cross. In the case of a long period without zero-crossings, a timeout function is provided. When the
zero-cross function is enabled, the volume will update after the timeout period if no earlier zero-cross
has occurred. The timeout clock is enabled using TOCLK_ENA; the timeout period is set by
TOCLK_DIV
. See “Clocking and Sample Rates” for more information on these fields. It is
recommended that the other gain controls on the signal paths should not be modified while the signal
path is active.
The left and right channels on the SPKOUT pins can be boosted using the CLASSD_VOL register.
Note that both left and right channels are updated simultaneously with the CLASSD_VOL register.
The
speaker
output
signal
can
be
muted
using
the
SPKOUTL_PGA_MUTE
and
SPKOUTR_PGA_MUTE registers. The speaker outputs are un-muted by default.
The SPKOUT_VU bits control the loading of the speaker PGA volume data. When SPKOUT_VU is set
to 0, the volume control data will be loaded into the respective control register, but will not actually
change the gain setting. The left and right Speaker PGA volume settings are both updated when a 1 is
written to any of the SPKOUT_VU bits. This makes it possible to update the gain of the left and right
output paths simultaneously.
The Speaker PGA volume control register fields are described in Table 72.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
SPKOUTL
volume
8
SPKOUT_VU
N/A
Speaker Output PGA Volume
Update
Writing a 1 to this bit will update
SPKOUTL_VOL and
SPKOUTR_VOL volumes
simultaneously.
7
SPKOUTL_ZC
0
SPKOUTL_VOL (Left Speaker
Output PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6:0
SPKOUTL_VOL [6:0]
00h
(Mute)
Left Speaker Output PGA Volume
000_0000 to 010_1111 = Mute
011_0000 to 011_0101 = -68dB
011_0110 = -67dB
…in 1dB steps
111_1001 = 0dB
…
111_1111 = +6dB
(See Table 73 for output PGA
volume control range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com