Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 114Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 115Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 116Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 117Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 118Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 119Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 120Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 121Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 295 page
background image
WM8962
118
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
MIXINL_TO_SPK
MIXR
0
Left Input Mixer to Right Speaker
Mixer select
0 = Disabled
1 = Enabled
2
MIXINR_TO_SPK
MIXR
0
Right Input Mixer to Right Speaker
Mixer select
0 = Disabled
1 = Enabled
1
IN4L_TO_SPKMI
XR
0
Input IN4L to Right Speaker Mixer
select
0 = Disabled
1 = Enabled
0
IN4R_TO_SPKMI
XR
0
Input IN4R to Right Speaker Mixer
select
0 = Disabled
1 = Enabled
R108 (6Ch)
Speaker Mixer
(4)
8
SPKMIXR_MUTE
1
Right Speaker Mixer Mute
0 = Unmuted
1 = Muted
7
MIXINL_SPKMIX
R_VOL
0
Left Input Mixer to Right Speaker
Mixer volume
0 = 0dB
1 = -6dB
6
MIXINR_SPKMIX
R_VOL
0
Right Input Mixer to Right Speaker
Mixer volume
0 = 0dB
1 = -6dB
5:3
IN4L_SPKMIXR_
VOL
111
Input IN4L to Right Speaker Mixer
Volume control
000 = -15dB
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
2:0
IN4R_SPKMIXR_
VOL
111
Input IN4R to Right Speaker Mixer
Volume control
000 = -15dB
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
R109 (6Dh)
Speaker Mixer
(5)
5
DACL_SPKMIXR
_VOL
0
Left DAC to Right Speaker Mixer
volume
0 = 0dB
1 = -6dB
4
DACR_SPKMIXR
_VOL
0
Right DAC to Right Speaker Mixer
volume
0 = 0dB
1 = -6dB
Table 71 Right Speaker Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com