Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 112Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 113Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 114Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 115Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 116Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 117Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 118Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 119Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 295 page
background image
WM8962
116
Rev 4.3
SPEAKER OUTPUT PATHS
The following sections describe all the speaker output paths and controls. For information on the
headphone output paths and controls, refer to the “Headphone Output Paths” section.
SPEAKER MIXER CONTROL
The two speaker mixers - SPKMIXL and SPKMIXR
– can each have any combination of the six
available input paths enabled as described in Table 70 (left speaker mixer) and Table 71 (right
speaker mixer). The six input signal paths are two from the DACs (DACL and DACR), two from the
input mixers (MIXINL and MIXINR) and two bypass paths direct from the IN4 input pins (IN4L and
IN4R). The speaker mixers are muted by default.
The two signal paths from the left and right DACs to each of the two speaker mixers SPKMIXL and
SPKMIXR are enabled using the register bits DACL_TO_SPKMIXL, DACL_TO_SPKMIXR,
DACR_TO_SPKMIXL and DACR_TO_SPKMIXR. A selectable -6dB control is available on each of
these paths to help avoid signal clipping.
The two DAC output signals can also be configured to bypass the speaker mixers using the
SPKMIXL_TO_SPKOUTL_PGA and SPKMIXR_TO_SPKOUTR_PGA register bits. Note that the DAC
output signals bypass the mixers by default.
The direct signal paths from each of the input mixers MIXINL and MIXINR to each of the speaker
mixers
SPKMIXL
and
SPKMIXR
are
enabled
using
the
MIXINL_TO_SPKMIXL,
MIXINL_TO_SPKMIXR,
MIXINR_TO_SPKMIXL
and
MIXINR_TO_SPKMIXR
register
bits.
A
selectable -6dB control is available on each of these paths to help avoid signal clipping.
The direct signal paths from the IN4L and IN4R input pins to the speaker mixers SPKMIXL and
SPKMIXR are enabled using the IN4L_TO_SPKMIXL, IN4L_TO_SPKMIXR, IN4R_TO_SPKMIXL, and
IN4R_TO_SPKMIXR register bits. Each input signal path from IN4 also has an associated PGA with a
gain range from -15dB to +6dB.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R105 (69h)
Speaker Mixer
(1)
7
SPKMIXL_TO_SP
KOUTL_PGA
0
Left Speaker PGA Path Select
0 = DACL Output
1 = SPKMIXL Output
5
DACL_TO_SPKM
IXL
0
Left DAC to Left Speaker Mixer
select
0 = Disabled
1 = Enabled
4
DACR_TO_SPKM
IXL
0
Right DAC to Left Speaker Mixer
select
0 = Disabled
1 = Enabled
3
MIXINL_TO_SPK
MIXL
0
Left Input Mixer to Left Speaker
Mixer select
0 = Disabled
1 = Enabled
2
MIXINR_TO_SPK
MIXL
0
Right Input Mixer to Left Speaker
Mixer select
0 = Disabled
1 = Enabled
1
IN4L_TO_SPKMI
XL
0
Input IN4L to Left Speaker Mixer
select
0 = Disabled
1 = Enabled
0
IN4R_TO_SPKMI
XL
0
Input IN4R to Left Speaker Mixer
select
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com