Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 120 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 120 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 116Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 117Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 118Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 119Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 120Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 121Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 122Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 123Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 124Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 295 page
background image
WM8962
120
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R41 (29h)
SPKOUTR
volume
8
SPKOUT_VU
N/A
Speaker Output PGA Volume
Update
Writing a 1 to this bit will update
SPKOUTL_VOL and
SPKOUTR_VOL volumes
simultaneously.
7
SPKOUTR_ZC
0
SPKOUTR_VOL (Right Speaker
Output PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6:0
SPKOUTR_VOL [6:0]
00h
(Mute)
Right Speaker Output PGA Volume
000_0000 to 010_1111 = Mute
011_0000 to 011_0101 = -68dB
011_0110 = -67dB
…in 1dB steps
111_1001 = 0dB
…
111_1111 = +6dB
(See Table 73 for output PGA
volume control range)
R49 (31h)
Class D
Control 1
2
SPKOUT_VU
N/A
Speaker Output PGA Volume
Update
Writing a 1 to this bit will update
SPKOUTL_VOL and
SPKOUTR_VOL volumes
simultaneously.
1
SPKOUTL_PGA_MUTE
0
SPKOUTL_VOL (Left Speaker
Output PGA) Mute
0 = Un-mute
1 = Mute
0
SPKOUTR_PGA_MUTE
0
SPKOUTR_VOL (Right Speaker
Output PGA) Mute
0 = Un-mute
1 = Mute
Table 72 Speaker Output PGA (SPKOUTL_VOL, SPKOUTR_VOL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com