Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 129 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 129 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 125Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 126Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 127Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 128Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 129Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 130Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 131Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 132Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 133Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 295 page
background image
WM8962
Rev 4.3
129
HEADPHONE OUTPUT PGA CONTROL
There are four headphone output PGAs
– two primary (HPOUTL and HPOUTR), and two secondary
(HP1L, HP1R). The headphone outputs are each controlled by a primary PGA and a secondary PGA
in series.
The HPOUTL and HPOUTR PGAs give a high degree of control from -68dB to +6dB in 1dB steps. A
detailed table of all HPOUTL and HPOUTR gain settings is shown in Table 73. Secondary PGAs for
HPOUTL and HPOUTR provide control from -7dB to 0dB in 1dB steps on each channel. See Figure
33 for a representation of this layout.
The HPOUT PGAs are controlled using the HPOUTL_VOL and HPOUTR_VOL registers, providing
fine volume control to HPOUTL and HPOUTR.
To prevent "zipper noise", a zero-cross function is provided on the HPOUTL and HPOUTR output
PGAs. When this feature is enabled, volume updates will not take place until a zero-crossing is
detected. In the case of a long period without zero-crossings, a timeout function is provided. When the
zero-cross function is enabled, the volume will update after the timeout period if no earlier zero-cross
has occurred. The timeout clock is enabled using TOCLK_ENA; the timeout period is set by
TOCLK_DIV
. See “Clocking and Sample Rates” for more information on these fields.
It is recommended that only HPOUTL PGA and HPOUTR PGA are modified while the output signal
path is active as these are the only Headphone PGAs with the zero-cross function. It is recommended
that the other gain controls on the signal paths should not be modified while the signal path is active.
The left and right channels can also be attenuated independently using the HP1L_VOL and
HP1R_VOL registers. Note that there is no zero-cross function associated with these registers.
The
headphone
output
signal
can
be
muted
using
the
HPOUTL_PGA_MUTE
and
HPOUTR_PGA_MUTE registers. The headphone outputs are un-muted by default.
The HPOUT_VU bits control the loading of the Headphone Output PGA volume data and the PGA
mute functions. When HPOUT_VU is set to 0, the volume control data will be loaded into the
respective control register, but will not actually change the gain setting. The left and right Headphone
Output PGA volume settings are both updated when a 1 is written to any of the HPOUT_VU bits.
Similarly, the HPOUTL_PGA_MUTE and HPOUTR_PGA_MUTE settings are only effective when a 1
is written to either HPOUT_VU bit. This makes it possible to update the gain of the left and right output
paths simultaneously.
Note that the HP1L_VOL and HP1R_VOL registers are effective immediately when updated; the
HPOUT_VU bits have no control over the Secondary PGA volume registers. For best performance,
the Secondary PGA volume registers should be set to 000b (-
7dB). See “Reference Voltages and
Bias Control
” for further details of the High Performance headphone playback configuration.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (2h)
HPOUTL
volume
8
HPOUT_VU
N/A
Headphone Output PGA Volume and
Mute Update.
Writing 1 to this bit will cause the
HPOUTL and HPOUTR volume and
mute settings to be updated
simultaneously.
7
HPOUTL_ZC
0
Left Headphone Output PGA Zero
Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6:0
HPOUTL_VOL [6:0]
0
(Mute)
Left Headphone Output PGA Volume
000_0000 to 010_1111 = Mute
011_0000 to 011_0101 = -68dB
011_0110 = -67dB
…in 1dB steps
111_1001 = 0dB
…
111_1111 = +6dB
(See Table 73 for full volume control
range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com