Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 127Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 128Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 129Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 130Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 131Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 132Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 133Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 134Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 295 page
background image
WM8962
Rev 4.3
131
powered by an on-chip charge pump. A DC Servo circuit removes any DC offset from the headphone
outputs, suppressing ‘pop’ noise and minimising power consumption. The Charge Pump and DC
Servo are described separately (see “Charge Pump” and “DC Servo” respectively).
It is recommended to connect a zobel network to the headphone output pins HPOUTL and HPOUTR
for best audio performance in all applications. The components of the zobel network have the effect of
dampening high frequency oscillations or instabilities that can arise outside the audio band under
certain conditions. Possible sources of these instabilities include the inductive load of a headphone
coil or an active load in the form of an external line amplifier. The capacitance of lengthy cables or
PCB tracks can also lead to amplifier instability. The zobel network should comprise of a 20
 resistor
and 100nF capacitor in series with each other, as illustrated in Figure 36.
Note that the zobel network may be unnecessary in some applications; it depends upon the
characteristics of the connected load. It is recommended to include these components for best audio
quality and amplifier stability in all cases.
AGND = 0V
WM8962
20Ω
100 nF
AGND = 0V
HPOUTL
HPOUTR
HPOUTFB
20Ω
100 nF
Figure 36 Zobel Network Components for HPOUTL and HPOUTR
The headphone output incorporates a common mode, or ground loop, feedback path which provides
rejection of system-related ground noise. The return path is via HPOUTFB. This pin must be
connected to ground for normal operation of the headphone output. No register configuration is
required.
CHARGE PUMP
The WM8962 incorporates a dual-mode Charge Pump which generates the supply rails for the
headphone output drivers, HPOUTL and HPOUTR. The Charge Pump has a single supply input,
CPVDD, and generates split rails CPVOUTP and CPVOUTN according to the selected mode of
operation. The Charge Pump connections are illustrated in Figure 37 (see
“Electrical Characteristics”
for external component values). An input decoupling capacitor may also be required at CPVDD,
depending upon the system configuration.
CPVDD
WM8962
Charge Pump
CPVOUTP
CPVOUTN
CPCA
CPCB
CPGND
Figure 37 Charge Pump External Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com