Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 135 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 135 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 131Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 132Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 133Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 134Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 135Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 136Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 137Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 138Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 139Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 295 page
background image
WM8962
Rev 4.3
135
DC SERVO ACTIVE MODES
The DC Servo Start-Up mode described above is suitable for initialising the DC offset correction circuit
on the input or output signal paths as part of a controlled start-up sequence which is executed before
the signal path is fully enabled. The WM8962 also supports DC offset measurement and correction on
the HP output paths whilst the signal path is active; this may be of benefit following a large change in
signal gain, which can lead to a change in DC offset level.
Writing a logic 1 to HP1L_DCS_SYNC initiates a series of DC offset measurements and applies the
necessary correction to the HPOUTL output. Writing a logic 1 to HP1R_DCS_SYNC initiates a series
of DC offset measurements and applies the necessary correction to the HPOUTR output.
The number of DC Servo operations performed is determined by HP1_DCS_SYNC_STEP. A
maximum of 127 operations may be selected, though a much lower value will be sufficient in most
applications. The DC Servo uses filtering to measure the DC offset in the presence of any audio that
may be present; this requires a longer time to perform the correction process than in the Start-Up
mode, and means that the DC Servo may be operating for several seconds after the process was
initiated.
The DC Servo Sync mode described above is supported on the HPOUT DC Servo channels;
individual register control is provided for each channel. It is recommended that the DC Servo Sync
mode is scheduled whenever a large change in signal gain (eg. >6dB) is applied in the output signal
path. Note that the DC Servo Sync mode is not required on the input signal paths as the DC offset in
these paths does not change with gain, and only the Start-Up correction is necessary.
The DC Servo control fields associated with Sync mode (suitable for use on a signal path that is in
active use) are described in Table 83.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R61 (3Dh)
DC Servo 1
4
HP1L_DCS_SYN
C
0
Writing 1 to this bit selects a series of
DC offset corrections for HPOUTL
0
HP1R_DCS_SYN
C
0
Writing 1 to this bit selects a series of
DC offset corrections for HPOUTR
R64 (40h)
DC Servo 4
13:7
HP1_DCS_SYNC
_STEP [6:0]
10h
Number of DC Servo updates to perform
in a series event (HPOUTL and
HPOUTR)
00h to 0Fh = Reserved
10h = 16 (default)
11h = 17
…
7Fh = 127
Table 83 DC Servo Active Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com